| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KNP-R3AU1KCTB bảng dữ liệu(PDF) 41 Page - Token Electronics Industry Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
KNP-R3AU1KCTB bảng dữ liệu(HTML) 41 Page - Token Electronics Industry Co., Ltd. |
|
41 / 60 page ![]() Preview The high pulse withstanding capability of the CCR series of carbon composition resistors from Token Electronics offers designers a compact solution for applications involving high voltages and high-energy pulses. Though, many resistor manufacturers claim to offer carbon composition replacements. However, these wirewound or thick film alternatives do not fully match the pulse performance and low inductance of carbon composition. Token’s CCR series now offers the industry a carbon composition resistor made up of a solid rod of conductive composite material, the chemical composition of which is altered to produce different resistance values. The main advantage of carbon composition is their pulse handling capability. This is due to the fact that the entire rod conducts and so the thermal mass is far higher, which results in a higher energy capability. Due to the need for higher peak voltages, the CCR range is perfect for vehicle ignition system applications, medical monitoring equipment and as output resistors in defibrillators. The standard carbon composition CCR resistor offers a power rating of 1/4W and 1/2W at 25°C and is made up of a solid rod of conductive composition material, which can be altered to produce different resistance values. With a typical resistance range of 2.2Ω ~ 22MΩ, resistance tolerance is J(±5%) and K(±10%). Resistors with 5% and 10% tolerance have four bands indicating value and tolerance in accordance with IEC62. Our custom solutions are designed to address your need for technical and economic success in a timely manner. Contact us with your specific needs. CCR Carbon Composition Resistors Features - Low inductance - Solid rod carbon composition - Power rating 1/4W and 1/2W - Resistance range 2.2Ω ~ 22MΩ - Resistance tolerance J(±5%) and K(±10%) - High pulse withstanding and high energy capability - Products with Pb-free Terminations and RoHS compliant The High Pulse Withstanding Carbon Composition Resistors Handle Big Peaks and Pulses Carbon Composition Resistors Applications - Strobe Lighting - High Power Lighting - Medical defibrillators - Welding, Automotive - Inrush Current Limiting - High Voltage Power Supplies - Protection (e.g. Discharge Circuits, Surge Protection) TOKEN 39 of 58 Version 2010 http://www.token.com.tw/ rfq token.com.tw |