| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KNP-R3AU1KCTB bảng dữ liệu(PDF) 22 Page - Token Electronics Industry Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
KNP-R3AU1KCTB bảng dữ liệu(HTML) 22 Page - Token Electronics Industry Co., Ltd. |
|
22 / 60 page ![]() KNPN Non-inductive Resistors General Specifications L D Application Notes Wire-wound Resistors Application Notes: ● When being used in AC circuits, some wirewound structures give inductance ingredients or parasitic capacity, so they may cause unusual phenomena such as oscillations etc. Quorum deviations of other com- ponents should be carefully taken into account for use. ● Application and Placement: Wire wound resistors use different gauges of wire as resistance elements. Sometimes the gauge is extremely thin (finer than a strand of human hair) and very susceptible to breakage in environments containing salts, ash, dust and corrosives. Avoid utilization in such environments. ● Do not install in dusty areas because the accumulation will cause shorts and poor conductance. Type Rated Watts Dimensions (mm) Resistance Range (Ω) Tolerance D ± 0.5 L ± 1 H ± 3 d ± 0.05 KNPN KNPN-50 1/2W 4 9.0 26 0.50~0.55 0.1-10 Ω ± 1% ± 2% ± 5% KNPN-100 1W 4 9.0 26 0.50~0.55 0.1-10 Ω KNPN-100B 1W 4.5 11.5 26 0.75~0.80 0.1-10Ω KNPN-200 2W 4.5 11.5 26 0.75~0.80 0.1-10 Ω KNPN-200B 2W 5.5 15.5 35 0.75~0.80 0.1-20Ω KNPN-300 3W 5.5 15.5 35 0.75~0.80 0.1-20 Ω KNPN-400 4W 6.5 17.5 35 0.75~0.80 0.1-30 Ω KNPN-500 5W 6.5 17.5 35 0.75~0.80 0.1-30 Ω KNPN-500B 5W 8.5 24.5 38 0.75~0.80 0.1-50 Ω KNPN-600 6W 8.5 24.5 38 0.75~0.80 0.1-50 Ω TOKEN 20 of 58 Version 2010 http://www.token.com.tw/ rfq token.com.tw |