công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

25AA1024T-I/P bảng dữ liệu(PDF) 16 Page - Microchip Technology

tên linh kiện 25AA1024T-I/P
Giải thích chi tiết về linh kiện  1 Mbit SPI Bus Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA1024T-I/P bảng dữ liệu(HTML) 16 Page - Microchip Technology

Back Button 25AA1024T-I/P Datasheet HTML 12Page - Microchip Technology 25AA1024T-I/P Datasheet HTML 13Page - Microchip Technology 25AA1024T-I/P Datasheet HTML 14Page - Microchip Technology 25AA1024T-I/P Datasheet HTML 15Page - Microchip Technology 25AA1024T-I/P Datasheet HTML 16Page - Microchip Technology 25AA1024T-I/P Datasheet HTML 17Page - Microchip Technology 25AA1024T-I/P Datasheet HTML 18Page - Microchip Technology 25AA1024T-I/P Datasheet HTML 19Page - Microchip Technology 25AA1024T-I/P Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
25AA1024
DS21836G-page 16
 2010 Microchip Technology Inc.
2.9
SECTOR ERASE
The Sector Erase function will erase all bits (FFh)
inside the given sector. A Write Enable (WREN) instruc-
tion must be given prior to attempting a Sector Erase.
This is done by setting CS low and then clocking out
the proper instruction into the 25AA1024. After all
eight bits of the instruction are transmitted, the CS
must be brought high to set the write enable latch.
The Sector Erase function is entered by driving CS
low, followed by the instruction code (Figure 2-9), and
three address bytes. Any address inside the sector to
be erased is a valid address.
CS must then be driven high after the last bit if the
address or the Sector Erase will not execute. Once the
CS is driven high, the self-timed Sector Erase cycle is
started. The WIP bit in the STATUS register can be
read to determine when the Sector Erase cycle is
complete.
If a SECTOR ERASE instruction is given to an address
that has been protected by the Block Protect bits (BP0,
BP1) then the sequence will be aborted and no erase
will occur.
See Table 2-3 for Sector Addressing.
FIGURE 2-9:
SECTOR ERASE SEQUENCE
SO
SI
SCK
CS
0
23456789 10 11
29 30 31
1
00
1
1
0
1
10
23 22 21 20
210
Instruction
24-bit Address
High-Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34