| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
25AA1024T-I/P bảng dữ liệu(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25AA1024T-I/P bảng dữ liệu(HTML) 7 Page - Microchip Technology |
|
7 / 34 page ![]() 2010 Microchip Technology Inc. DS21836G-page 7 25AA1024 2.0 FUNCTIONAL DESCRIPTION 2.1 Principles of Operation The 25AA1024 is a 131,072 byte Serial EEPROM designed to interface directly with the Serial Peripheral Interface (SPI) port of many of today’s popular microcontroller families, including Microchip’s PIC® microcontrollers. It may also interface with microcon- trollers that do not have a built-in SPI port by using discrete I/O lines programmed properly in firmware to match the SPI protocol. The 25AA1024 contains an 8-bit instruction register. The device is accessed via the SI pin, with data being clocked in on the rising edge of SCK. The CS pin must be low and the HOLD pin must be high for the entire operation. Table 2-1 contains a list of the possible instruction bytes and format for device operation. All instructions, addresses and data are transferred MSB first, LSB last. Data (SI) is sampled on the first rising edge of SCK after CS goes low. If the clock line is shared with other peripheral devices on the SPI bus, the user can assert the HOLD input and place the 25AA1024 in ‘HOLD’ mode. After releasing the HOLD pin, operation will resume from the point when the HOLD was asserted. BLOCK DIAGRAM TABLE 2-1: INSTRUCTION SET SI SO SCK CS HOLD WP STATUS Register I/O Control Memory Control Logic X Dec HV Generator EEPROM Array Page Latches Y Decoder Sense Amp. R/W Control Logic VCC VSS Instruction Name Instruction Format Description READ 0000 0011 Read data from memory array beginning at selected address WRITE 0000 0010 Write data to memory array beginning at selected address WREN 0000 0110 Set the write enable latch (enable write operations) WRDI 0000 0100 Reset the write enable latch (disable write operations) RDSR 0000 0101 Read STATUS register WRSR 0000 0001 Write STATUS register PE 0100 0010 Page Erase – erase one page in memory array SE 1101 1000 Sector Erase – erase one sector in memory array CE 1100 0111 Chip Erase – erase all sectors in memory array RDID 1010 1011 Release from Deep power-down and read electronic signature DPD 1011 1001 Deep Power-Down mode |