| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
25AA1024T-I/P bảng dữ liệu(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25AA1024T-I/P bảng dữ liệu(HTML) 14 Page - Microchip Technology |
|
14 / 34 page ![]() 25AA1024 DS21836G-page 14 2010 Microchip Technology Inc. 2.6 Data Protection The following protection has been implemented to prevent inadvertent writes to the array: • The write enable latch is reset on power-up • A write enable instruction must be issued to set the write enable latch • After a byte write, page write or STATUS register write, the write enable latch is reset •CS must be set high after the proper number of clock cycles to start an internal write cycle • Access to the array during an internal write cycle is ignored and programming is continued 2.7 Power-On State The 25AA1024 powers on in the following state: • The device is in low-power Standby mode (CS = 1) • The write enable latch is reset • SO is in high-impedance state • A high-to-low-level transition on CS is required to enter active state TABLE 2-4: WRITE-PROTECT FUNCTIONALITY MATRIX WEL (SR bit 1) WPEN (SR bit 7) WP (pin 3) Protected Blocks Unprotected Blocks STATUS Register 0xx Protected Protected Protected 10x Protected Writable Writable 1 1 0 (low) Protected Writable Protected 1 1 1 (high) Protected Writable Writable x = don’t care |