công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS3524 bảng dữ liệu(PDF) 114 Page - ams AG

tên linh kiện AS3524
Giải thích chi tiết về linh kiện  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS3524 bảng dữ liệu(HTML) 114 Page - ams AG

Back Button AS3524 Datasheet HTML 110Page - ams AG AS3524 Datasheet HTML 111Page - ams AG AS3524 Datasheet HTML 112Page - ams AG AS3524 Datasheet HTML 113Page - ams AG AS3524 Datasheet HTML 114Page - ams AG AS3524 Datasheet HTML 115Page - ams AG AS3524 Datasheet HTML 116Page - ams AG AS3524 Datasheet HTML 117Page - ams AG AS3524 Datasheet HTML 118Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
114
- 124
Ball Nr.
BGA180
Ball Name
PAD Type
I/O
Ball Description
ide_iordy
I
IDE IO ready signal
used by device to extend host data transfer cycles
naf_wp_n
O
NAND FLASH write protect not
M12
ide_intrq
D IO ST PD LSR
I
IDE interrupt request
used by device to interrupt the host controller
naf_ce0_n
O
NAND FLASH chip enable
M11
ide_cs0_n
D IO ST LSR
O
IDE chip select 0
used by the host to select command block registers in the
device
naf_ce1_n
O
NAND FLASH chip enable
P11
ide_cs1_n
D IO ST LSR
O
IDE chip select 1
used by the host to select control block registers in the
device
naf_ce2_n
O
NAND FLASH chip enable
T11
ide_hiown
D IO ST LSR
O
IDE host IO write strobe
naf_ce3_n
O
NAND FLASH chip enable
V11
ide_hiorn
D IO ST LSR
O
IDE host IO read strobe
naf_we_n
O
NAND FLASH write enable not
P12
ide_dackn
D IO ST LSR
O
IDE DMA acknowledge
used by the host to initiate DMA data transfers
naf_re_n
O
NAND FLASH read enable not
T12
ide_npcblid
D IO ST LSR
I
IDE primary channel cable ID detect
naf_bsy_n
I
NAND FLASH ready / busy not
V12
ide_nscblid
D IO ST LSR
I
IDE secondary channel cable ID select
E18
ide_ha[0]
D OUT LSR
O
IDE host address
F18
ide_ha[1]
D OUT LSR
O
IDE host address
G18
ide_ha[2]
D OUT LSR
O
IDE host address
G16
ide_reset_n
D OUT LSR
O
IDE reset not,
used by the host to reset the device
I2S Output
N5
i2so_sdata
D OUT LSR
O
IS2 data output, data output from digital core to audio sub
system
L3
i2so_sclk
D OUT LSR
O
I2S serial clock, clock output from digital core to audio sub
system
T7
i2so_lrck
D OUT LSR
O
I2S left/right clock, clock output from digital core to audio
sub system
M3
i2so_mclk
D OUT LSR
O
I2S master clock, clock output from digital core to audio sub
system
I2S Input
M5
i2si_sdata
D IN ST
I
I2S data input, data output from audio sub system to digital
core
i2si_sclk_out
O
I2S master serial clock
serial clock output for external ADC if AS3525 is I2S master
K3
i2si_sclk_in
D IO ST LSR
I
I2S slave serial clock
serial clock input for external ADC if AS3525 is I2S slave
i2si_lrck_out
O
I2S master, left/right clock
left/right clock output for external ADC if AS3525 is I2S
master
P7
i2si_lrck_in
D IO ST LSR
I
I2S slave, left/right clock
left/right clock input for external ADC if AS3525 is I2S master
L5
i2si_mclk
D OUT LSR
O
I2S master, master clock
J3
i2si_sdata_in
D IN ST PD
I
I2S data input
data input from external audio ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com