công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT82M9AE bảng dữ liệu(PDF) 22 Page - Holtek Semiconductor Inc

tên linh kiện HT82M9AE
Giải thích chi tiết về linh kiện  USB Mouse Encoder 8-Bit MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M9AE bảng dữ liệu(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT82M9AE Datasheet HTML 18Page - Holtek Semiconductor Inc HT82M9AE Datasheet HTML 19Page - Holtek Semiconductor Inc HT82M9AE Datasheet HTML 20Page - Holtek Semiconductor Inc HT82M9AE Datasheet HTML 21Page - Holtek Semiconductor Inc HT82M9AE Datasheet HTML 22Page - Holtek Semiconductor Inc HT82M9AE Datasheet HTML 23Page - Holtek Semiconductor Inc HT82M9AE Datasheet HTML 24Page - Holtek Semiconductor Inc HT82M9AE Datasheet HTML 25Page - Holtek Semiconductor Inc HT82M9AE Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
HT82M9AE/HT82M9AA
Rev. 1.90
22
October 21, 2009
USB/PS2 Status and Control Register
- USC
Bit No.
Label
Read/Write
Option
Functions
0
PE0
R
SUSPEND
USB suspend mode status bit. When 1, indicates that the USB
system entry is in suspend mode.
1
PE1
W
RMOT_WK USB remote wake-up signal. The default value is
²0².
2
PE2
R/W
URST_FLAG USB bus reset event flag. The default value is
²0².
3
PE3
R
RESUME_O
When RESUME_OUT EVENT, RESUME_O is set to
²1².
The default value is
²0².
4
PE4
R
PS2_DAI
USBD-/DATA input
5
PE5
R
PS2_CKI
USBD+/CLK input
6
PE6
W
PS2_DAO
Output for driving USBD-/DATA pin, when working under 3D
PS2 mouse function. The default value is
²1².
7
PE7
W
PS2_CKO
Output for driving USBD-/DATA pin, when working under 3D
PS2 mouse function. The default value is
²1².
USC (0X1A) Register
Endpoint Interrupt Status Register
- USR
The USR (USB endpoint interrupt status register) register is used to indicate which endpoint is accessed and to select
the serial bus (PS2 or USB). The endpoint request flags (EP0IF, EP1IF, EP2IF) are used to indicate which endpoints
are accessed. If an endpoint is accessed, the related endpoint request flag will be set to
²1² and a USB interrupt will oc-
cur (If a USB interrupt is enabled and the stack is not full). When the active endpoint request flag is served, the endpoint
request flag has to be cleared to
²0².
Bit No.
Label
Read/Write
Option
Functions
0
PEC0
R/W
EP0IF
When set to
²1², indicates an endpoint 0 interrupt event. Must
wait for the MCU to process the interrupt event and clear this
bit by firmware. This bit must be
²0², then the next interrupt
event will be processed. The default value is
²0².
1
PEC1
R/W
EP1IF
2
PEC2
R/W
EP2IF
3
PEC3
R/W
¾
Reserved bit, set to
²0²
4
PEC4
R/W
SELPS2
When set to
²1², indicates that the chip is working under PS2
mode. The default value is
²0².
5
PEC5
R/W
SELUSB
When set to
²1², indicates that the chip is working under USB
mode. The default value is
²0².
6
PEC6
R/W
¾
Reserved bit, set to
²0²
7
PEC7
R/W
USB_flag
This flag is used to show that the MCU is in USB mode (Bit=1).
This bit is R/W by FW and will be cleared to zero after power-on
reset. The default value is
²0².
USR (0X1B) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com