công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT82M9AE bảng dữ liệu(PDF) 17 Page - Holtek Semiconductor Inc

tên linh kiện HT82M9AE
Giải thích chi tiết về linh kiện  USB Mouse Encoder 8-Bit MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M9AE bảng dữ liệu(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT82M9AE Datasheet HTML 13Page - Holtek Semiconductor Inc HT82M9AE Datasheet HTML 14Page - Holtek Semiconductor Inc HT82M9AE Datasheet HTML 15Page - Holtek Semiconductor Inc HT82M9AE Datasheet HTML 16Page - Holtek Semiconductor Inc HT82M9AE Datasheet HTML 17Page - Holtek Semiconductor Inc HT82M9AE Datasheet HTML 18Page - Holtek Semiconductor Inc HT82M9AE Datasheet HTML 19Page - Holtek Semiconductor Inc HT82M9AE Datasheet HTML 20Page - Holtek Semiconductor Inc HT82M9AE Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
HT82M9AE/HT82M9AA
Rev. 1.90
17
October 21, 2009
USB with MCU Interface
There are eight registers, including Pipe_ctrl, Address+Remote_WakeUp, STALL, SIES, MISC, Endpt_EN and FIFO
0~FIFO 2 in this buffer function.
Register
Name
Pipe_ctrl
Addr.+
Remote
STALL
SIES
MISC
Endpt_EN
FIFO 0
FIFO 1
FIFO 2
Mem. Addr.
41H
42H
43H
45H
46H
47H
48H
49H
4AH
Register Memory Mapping
Address+Remote_WakeUp register represents current address and remote wake-up function. The initial value is
²00000000² from MSB to LSB.
Register
Address
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
01000010B
R/W
Address value
Default value=00000000
Remote Wake-up Function
0: Not this function
1: The function exists
Address+Remote_WakeUp Register
STALL, Pipe_ctrl and Endpt_EN Registers
STALL register shows whether the endpoint corresponding works or not. As soon as the endpoint work improperly, the
bit corresponding must be set.
Pipe_ctrl register is used for configuring IN (Bit=1) or OUT (Bit=0) pipe. The default is define IN pipe. Where Bit0
(DATA0) of the Pipe_ctrl register is used to setting the data toggle of any endpoint (except endpoint 0) using data tog-
gles to the value DATA0. Once the user want the any endpoint (except endpoint 0) using data toggles to the value
DATA0, the user can output a LOW pulse to this bit. The LOW pulse period must at least 10 instruction cycle.
Endpt_EN register is used to enable or disable the corresponding endpoint (except endpoint 0). Enable Endpoint
(Bit=1) or disable Endpoint (Bit=0).
The bitmaps are list as follows:
Register
Name
R/W
Register
Address
Bit7~Bit3
Reserved
Bit 2
Bit 1
Bit 0
Default
Value
Pipe_ctrl
R/W
01000001B
¾
Pipe 2
Pipe 1
Data 0
0000 0110
STALL
R/W
01000011B
¾
Pipe 2
Pipe 1
Pipe 0
0000 0111
Endpt_EN
R/W
01000111B
¾
Pipe 2
Pipe 1
Pipe 0
0000 0111
Pipe_ctrl (41H), STALL (43H) and Endpt_EN (47H) Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com