| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAXQ3183-RAN+ bảng dữ liệu(PDF) 86 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAXQ3183-RAN+ bảng dữ liệu(HTML) 86 Page - Maxim Integrated Products |
|
86 / 102 page ![]() Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect 86 ______________________________________________________________________________________ Timeouts Communications Timeout (COM_TIMO) (0x056) This register specifies the duration of SPI timeout in ADC frames (default 360μs). Energy Accumulation Timeout (ACC_TIMO) (0x058) This register specifies the time in DSP cycles that the MAXQ3183 waits before accumulating energy. If this register is nonzero, it is decremented on each DSP cycle. If the result of the decrement is nonzero, the results of the DSP cycle are discarded and are not accumulated to the energy registers. This register is useful for delaying the initiation of energy accumulation on startup or after some hardware function has been modified. Bit: 15 14 13 12 11 10 9 8 Name: Communications Timeout High Byte Reset: 0x03 Bit: 7 6 5 4 3 2 1 0 Name: Communications Timeout Low Byte Reset: 0xE8 Bit: 15 14 13 12 11 10 9 8 Name: Energy Accumulation Timeout High Byte Reset: 0x00 Bit: 7 6 5 4 3 2 1 0 Name: Energy Accumulation Timeout Low Byte Reset: 0x05 |