| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAXQ3180-RAN+ bảng dữ liệu(PDF) 54 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAXQ3180-RAN+ bảng dữ liệu(HTML) 54 Page - Maxim Integrated Products |
|
54 / 101 page ![]() Low-Power, Multifunction, Polyphase AFE 54 ______________________________________________________________________________________ Energy Real Energy, Phase A/B/C/T (ENRP.X) (A: 0x8C1, B: 0x8C2, C: 0x8C4, T: 0x8C7) This signed register contains the real accumulated energy delivered into phase A/B/C or total. The register is calcu- lated according to the following formula: ENRP.X = ENR_CC x (X.EAPOS - X.EANEG) Reactive Energy, Phase A/B/C/T (ENRQ.X) (A: 0x8D1, B: 0x8D2, C: 0x8D4, T: 0x8D7) This signed register contains the reactive accumulated energy delivered into phase A/B/C or total. The register is calculated according to the following formula: ENRQ.X = ENR_CC x (X.ERPOS - X.ERNEG) Apparent Energy, Phase A/B/C/T (ENRS.X) (A: 0x871, B: 0x872, C: 0x874, T: 0x877) This register contains the apparent accumulated energy delivered into phase A/B/C or total. The register is the prod- uct of the ENR_CC and X.ES registers. Byte 7 (MSByte unused) Byte 6 (unused) Byte 5 Byte 4 Byte 3 Byte 2 Byte 1 Byte 0 (LSByte) Byte 7 (MSByte unused) Byte 6 (unused) Byte 5 Byte 4 Byte 3 Byte 2 Byte 1 Byte 0 (LSByte) Byte 7 (MSByte unused) Byte 6 (unused) Byte 5 Byte 4 Byte 3 Byte 2 Byte 1 Byte 0 (LSByte) |