| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAXQ3180-RAN+ bảng dữ liệu(PDF) 90 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAXQ3180-RAN+ bảng dữ liệu(HTML) 90 Page - Maxim Integrated Products |
|
90 / 101 page ![]() Low-Power, Multifunction, Polyphase AFE 90 ______________________________________________________________________________________ Energy, Fundamental, Real Negative, Phase X = A/B/C (X.EAFNEG) (A: 0x200, B: 0x2EC, C: 0x3D8) On every DSP cycle, the contents of the X.ACTF register are tested, and, if negative, absolute values are added to this register. When this register overflows, the ANFOV bit in the X.EFOVER register is set. Energy, Fundamental, Reactive Positive, Phase X = A/B/C (X.ERFPOS) (A: 0x204, B: 0x2F0, C: 0x3DC) On every DSP cycle, the contents of the X.REAF register are tested, and, if positive, are added to this register. When this register overflows, the RPFOV bit in the X.EFOVER register is set. Bit: 31 30 29 28 27 26 25 24 Name: Real Energy Byte 3 Bit: 23 22 21 20 19 18 17 16 Name: Real Energy Byte 2 Bit: 15 14 13 12 11 10 9 8 Name: Real Energy Byte 1 Bit: 7 6 5 4 3 2 1 0 Name: Real Energy Byte 0 Bit: 31 30 29 28 27 26 25 24 Name: Reactive Energy Byte 3 Bit: 23 22 21 20 19 18 17 16 Name: Reactive Energy Byte 2 Bit: 15 14 13 12 11 10 9 8 Name: Reactive Energy Byte 1 Bit: 7 6 5 4 3 2 1 0 Name: Reactive Energy Byte 0 |