| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAXQ3180-RAN+ bảng dữ liệu(PDF) 37 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAXQ3180-RAN+ bảng dữ liệu(HTML) 37 Page - Maxim Integrated Products |
|
37 / 101 page ![]() Low-Power, Multifunction, Polyphase AFE ______________________________________________________________________________________ 37 CFP Pulse Threshold (THR1) (0x022) This register designates the threshold of the CFP pulse. This value is used to set the meter constant for the CFP pulse output. When the CFP pulse accumulator exceeds the value set in this register, the CFP pulse output is activat- ed and the CFP pulse accumulator is reduced by the amount in this register. CFQ Pulse Width (PLS2_WD) (0x026) This register designates the width of the CFQ pulse; that is, the duration of the period that the CFQ pulse is in the active state. This value is given in ADC frame times (about 320μs). The default value of 0x9C (156 decimal) provides a pulse width of about 50ms. Bit: 31 30 29 28 27 26 25 24 Name: THR1 Byte 3 Reset: 0x00 Bit: 23 22 21 20 19 18 17 16 Name: THR1 Byte 2 Reset: 0x10 Bit: 15 14 13 12 11 10 9 8 Name: THR1 Byte 1 Reset: 0x00 Bit: 7 6 5 4 3 2 1 0 Name: THR1 Byte 0 Reset: 0x00 Bit: 15 14 13 12 11 10 9 8 Name: CFQ Pulse-Width High Byte Reset: 0x00 Bit: 7 6 5 4 3 2 1 0 Name: CFQ Pulse-Width Low Byte Reset: 0x9C |