công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX6666 bảng dữ liệu(PDF) 5 Page - Maxim Integrated Products

tên linh kiện MAX6666
Giải thích chi tiết về linh kiện  High-Accuracy PWM Output Temperature Sensors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6666 bảng dữ liệu(HTML) 5 Page - Maxim Integrated Products

  MAX6666_09 Datasheet HTML 1Page - Maxim Integrated Products MAX6666_09 Datasheet HTML 2Page - Maxim Integrated Products MAX6666_09 Datasheet HTML 3Page - Maxim Integrated Products MAX6666_09 Datasheet HTML 4Page - Maxim Integrated Products MAX6666_09 Datasheet HTML 5Page - Maxim Integrated Products MAX6666_09 Datasheet HTML 6Page - Maxim Integrated Products MAX6666_09 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Detailed Description
The MAX6666/MAX6667 are high-accuracy, low-cost,
low current (200µA typ) temperature sensors ideal for
interfacing with µCs or µPs. The MAX6666/MAX6667
convert the ambient temperature into a ratiometric
PWM output at a nominal frequency of 35Hz (±20%) at
+25°C.
The time periods, t1 (high) and t2 (low) (Figure 1), are
easily read by the µP’s timer/counter port. To calculate
the temperature, use the expression below:
Temperature (°C) = +235 - (400 x t1) / t2
The µC or µP measures the output of the MAX6666/
MAX6667 by counting t1 and t2 and computing the
temperature based on their ratio. The resolution of the
count is a function of the processor clock frequency
and the resolution of the counter. The MAX6666/
MAX6667 have a resolution of approximately 11 bits.
Always use the same clock for t1 and t2 counters so
that the temperature is strictly based on a ratio of the
two times, thus eliminating errors due to different
clocks’ frequencies.
The MAX6666 (Figure 2a) has a push-pull output and
provides rail-to-rail output drive. The ability to source
and sink current allows the MAX6666 to drive capaci-
tive loads up to 10nF with less than 1°C error.
The MAX6667 (Figure 2b) has an open-drain output.
The output capacitance should be minimized in
MAX6667 applications because the sourcing current is
set by the pullup resistor. If the output capacitance
becomes too large, lengthy rise and fall times distort
the pulse width, resulting in inaccurate measurements.
Applications Information
Accurate temperature monitoring requires a good ther-
mal contact between the MAX6666/MAX6667 and the
object being monitored. A precise temperature mea-
surement depends on the thermal resistance between
the object being monitored and the MAX6666 die. Heat
flows in and out of plastic packages primarily through
the leads. For the best thermal contact, connect all
unused pins to ground. If the sensor is intended to
measure the temperature of a heat-generating compo-
nent on the circuit board, mount the device as close as
possible to that component and share the ground
traces (if they are not too noisy) with the component.
This maximizes the heat transfer from the component to
the sensor.
Power-Supply Bypassing
The MAX6666/MAX6667 operate from a +3V to +5.5V
supply. If a noisy power-supply line is used, bypass
VCC to GND with a 0.1µF capacitor.
Power Supply from µP Port Pin
The low quiescent current of the MAX6666/MAX6667
enables it to be powered from a logic line, which meets
the requirements for supply voltage range. This pro-
vides a simple shutdown function to totally eliminate
quiescent current by taking the logic line low. The logic
line must be able to withstand the 0.1µF power-supply
bypass capacitance.
Galvanic Isolation
Use an optocoupler to isolate the MAX6666/MAX6667
whenever a high common-mode voltage is present.
Because some optocouplers have turn-off times that
are much longer than their turn-on times, choose an
optocoupler with equal turn-on and turn-off times.
Unequal turn-on/turn-off times produce an error in the
temperature reading.
Thermal Considerations
Self-heating may cause the temperature measurement
accuracy of the MAX6666/MAX6667 to degrade in
some applications. The quiescent dissipation and the
power dissipated by the digital output may cause
errors in obtaining the accurate temperature measure-
ment. The temperature errors depend on the thermal
conductivity of the package (SOT23, 140°C/W), the
mounting technique, and the airflow. Static dissipation
in the MAX6666/MAX6667 is typically 4.5mW operating
at 5V with no load. As a worst-case example, consider
the MAX6667 and its maximum rated load of 5mA and
assume a maximum output voltage of 0.8V adds 4mW
power dissipation. Use Figure 3 to estimate the temper-
ature error.
High-Accuracy PWM Output Temperature
Sensors
_______________________________________________________________________________________
5
t2
t1
Figure 1. MAX6666/MAX6667 PWM Output



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com