công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX6666 bảng dữ liệu(PDF) 1 Page - Maxim Integrated Products

tên linh kiện MAX6666
Giải thích chi tiết về linh kiện  High-Accuracy PWM Output Temperature Sensors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6666 bảng dữ liệu(HTML) 1 Page - Maxim Integrated Products

  MAX6666_09 Datasheet HTML 1Page - Maxim Integrated Products MAX6666_09 Datasheet HTML 2Page - Maxim Integrated Products MAX6666_09 Datasheet HTML 3Page - Maxim Integrated Products MAX6666_09 Datasheet HTML 4Page - Maxim Integrated Products MAX6666_09 Datasheet HTML 5Page - Maxim Integrated Products MAX6666_09 Datasheet HTML 6Page - Maxim Integrated Products MAX6666_09 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
General Description
The MAX6666/MAX6667 are high-accuracy, low-cost,
low-power temperature sensors with a single-wire
output. The MAX6666/MAX6667 convert the ambient
temperature into a ratiometric PWM output with temper-
ature information contained in the duty cycle of the out-
put square wave. The MAX6666 has a push-pull output
and the MAX6667 has an open-drain output.
The MAX6666/MAX6667 operate at supply voltages
from +3V to +5.5V. The typical unloaded supply current
at 5.0V is 200µA. Both devices feature a single-wire
output that minimizes the number of pins necessary to
interface with a microprocessor (µP). The output is a
square wave with a nominal frequency of 35Hz (±20%)
at +25°C. The output format is decoded as follows:
Temperature (°C) = 235 - (400 x t1) / t2
Where t1 is fixed with a typical value of 10ms and t2 is
modulated by the temperature (Figure 1). The MAX6666/
MAX6667 operate from -40°C to +125°C and are available
in space-saving SOT23 packages.
Applications
Process Control
Industrial
HVAC and Environmental Control
Automotive
µP and µC Temperature Monitoring
Features
o Simple Single-Wire PWM Output
o ±1.0°C Accuracy at +25°C
o High Accuracy
±1°C at TA = +30°C
±2.5°C at TA = +10°C to +50°C
o Operate Up to +125°C
o Low 200µA Typical Current Consumption
o Small SOT23 package
High-Accuracy PWM Output Temperature
Sensors
________________________________________________________________
Maxim Integrated Products
1
Pin Configuration
Ordering Information
VCC
+3.3V
GND
DOUT
t1
t2
µC
INPUT TO
TIMER/COUNTER
MAX6666
MAX6667
Typical Operating Circuit
19-2138; Rev 3; 8/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX6666AUT+T
-40°C to +125°C
6 SOT23
AATF
MAX6667AUT+T
-40°C to +125°C
6 SOT23
AATG
VCC
I.C.
GND
1
+
5
6
I.C.
I.C.
DOUT
MAX6666
MAX6667
SOT23
2
34
TOP VIEW
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.


Số phần tương tự - MAX6666_09

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX6666ASA MAXIM-MAX6666ASA Datasheet
268Kb / 8P
High-Accuracy PWM Output Temperature Sensors
Rev 1; 12/03
MAX6666AUA MAXIM-MAX6666AUA Datasheet
268Kb / 8P
High-Accuracy PWM Output Temperature Sensors
Rev 1; 12/03
MAX6666AUT+T MAXIM-MAX6666AUT+T Datasheet
1Mb / 7P
High-Accuracy PWM Output Temperature Sensors
2014
MAX6666AUT-T MAXIM-MAX6666AUT-T Datasheet
268Kb / 8P
High-Accuracy PWM Output Temperature Sensors
Rev 1; 12/03
MAX6666 MAXIM-MAX6666_V01 Datasheet
1Mb / 7P
High-Accuracy PWM Output Temperature Sensors
2014
More results

Mô tả tương tự - MAX6666_09

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX6666 MAXIM-MAX6666 Datasheet
268Kb / 8P
High-Accuracy PWM Output Temperature Sensors
Rev 1; 12/03
logo
Texas Instruments
TMP235 TI1-TMP235 Datasheet
274Kb / 13P
Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235 TI1-TMP235_18 Datasheet
974Kb / 20P
Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235_018 TI1-TMP235_018 Datasheet
975Kb / 20P
Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235_1808 TI1-TMP235_1808 Datasheet
1Mb / 25P
Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235-Q1 TI1-TMP235-Q1 Datasheet
575Kb / 20P
Automotive Grade, High-Accuracy Analog Output Temperature Sensors
TMP235-Q1 TI1-TMP235-Q1_19 Datasheet
688Kb / 22P
Automotive Grade, High-Accuracy Analog Output Temperature Sensors
logo
Maxim Integrated Produc...
MAX6666 MAXIM-MAX6666_V01 Datasheet
1Mb / 7P
High-Accuracy PWM Output Temperature Sensors
2014
MAX6672 MAXIM-MAX6672_V01 Datasheet
1Mb / 7P
PWM Output Temperature Sensors in SC70 Packages
2014
MAX6676 MAXIM-MAX6676_V01 Datasheet
1Mb / 7P
Low-Voltage, 1.8kHz PWM Output Temperature Sensors
2015
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com