| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATmega64A bảng dữ liệu(PDF) 255 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega64A bảng dữ liệu(HTML) 255 Page - ATMEL Corporation |
|
255 / 392 page ![]() 255 8160C–AVR–07/09 ATmega64A Figure 24-2. TAP Controller State Diagram 24.4 TAP Controller The TAP controller is a 16-state finite state machine that controls the operation of the Boundary- scan circuitry, JTAG programming circuitry, or On-chip Debug system. The state transitions depicted in Figure 24-2 depends on the signal present on TMS (shown adjacent to each state transition) at the time of the rising edge at TCK. The initial state after a Power-on Reset is Test- Logic-Reset. As a definition in this datasheet, the LSB is shifted in and out first for all Shift Registers. Assuming Run-Test/Idle is the present state, a typical scenario for using the JTAG interface is: • At the TMS input, apply the sequence 1, 1, 0, 0 at the rising edges of TCK to enter the Shift Instruction Register – Shift-IR state. While in this state, shift the four bits of the JTAG instructions into the JTAG instruction register from the TDI input at the rising edge of TCK. The TMS input must be held low during input of the 3 LSBs in order to remain in the Shift-IR Test-Logic-Reset Run-Test/Idle Shift-DR Exit1-DR Pause-DR Exit2-DR Update-DR Select-IR Scan Capture-IR Shift-IR Exit1-IR Pause-IR Exit2-IR Update-IR Select-DR Scan Capture-DR 0 1 0 11 1 00 00 11 1 0 1 1 0 1 0 0 1 0 1 1 0 1 0 0 0 0 1 1 |