| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATmega32A bảng dữ liệu(PDF) 291 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega32A bảng dữ liệu(HTML) 291 Page - ATMEL Corporation |
|
291 / 352 page ![]() 291 8155B–AVR–07/09 ATmega32A Figure 26-16. State Machine Sequence for Changing/Reading the Data Word 26.10.11 Virtual Flash Page Load Register The Virtual Flash Page Load Register is a virtual scan chain with length equal to the number of bits in one Flash page. Internally the Shift Register is 8-bit, and the data are automatically trans- ferred to the Flash page buffer byte by byte. Shift in all instruction words in the page, starting with the LSB of the first instruction in the page and ending with the MSB of the last instruction in the page. This provides an efficient way to load the entire Flash page buffer before executing Page Write. Test-Logic-Reset Run-Test/Idle Shift-DR Exit1-DR Pause-DR Exit2-DR Update-DR Select-IR Scan Capture-IR Shift-IR Exit1-IR Pause-IR Exit2-IR Update-IR Select-DR Scan Capture-DR 0 1 0 11 1 00 00 11 1 0 1 1 0 1 0 0 1 0 1 1 0 1 0 0 0 0 1 1 |