| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATmega32A bảng dữ liệu(PDF) 229 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega32A bảng dữ liệu(HTML) 229 Page - ATMEL Corporation |
|
229 / 352 page ![]() 229 8155B–AVR–07/09 ATmega32A Figure 23-2. TAP Controller State Diagram 23.4 TAP Controller The TAP controller is a 16-state finite state machine that controls the operation of the Boundary- scan circuitry, JTAG programming circuitry, or On-chip Debug system. The state transitions depicted in Figure 23-2 depend on the signal present on TMS (shown adjacent to each state transition) at the time of the rising edge at TCK. The initial state after a Power-On Reset is Test- Logic-Reset. As a definition in this document, the LSB is shifted in and out first for all Shift Registers. Assuming Run-Test/Idle is the present state, a typical scenario for using the JTAG interface is: • At the TMS input, apply the sequence 1, 1, 0, 0 at the rising edges of TCK to enter the Shift Instruction Register – Shift-IR state. While in this state, shift the four bits of the JTAG instructions into the JTAG Instruction Register from the TDI input at the rising edge of TCK. Test-Logic-Reset Run-Test/Idle Shift-DR Exit1-DR Pause-DR Exit2-DR Update-DR Select-IR Scan Capture-IR Shift-IR Exit1-IR Pause-IR Exit2-IR Update-IR Select-DR Scan Capture-DR 0 1 0 11 1 00 00 11 1 0 1 1 0 1 0 0 1 0 1 1 0 1 0 0 0 0 1 1 |