| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATmega32A bảng dữ liệu(PDF) 189 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega32A bảng dữ liệu(HTML) 189 Page - ATMEL Corporation |
|
189 / 352 page ![]() 189 8155B–AVR–07/09 ATmega32A $20 SLA+W has been transmitted; NOT ACK has been received Load data byte or No TWDR action or No TWDR action or No TWDR action 0 1 0 1 0 0 1 1 1 1 1 1 X X X X Data byte will be transmitted and ACK or NOT ACK will be received Repeated START will be transmitted STOP condition will be transmitted and TWSTO Flag will be reset STOP condition followed by a START condition will be transmitted and TWSTO Flag will be reset $28 Data byte has been transmitted; ACK has been received Load data byte or No TWDR action or No TWDR action or No TWDR action 0 1 0 1 0 0 1 1 1 1 1 1 X X X X Data byte will be transmitted and ACK or NOT ACK will be received Repeated START will be transmitted STOP condition will be transmitted and TWSTO Flag will be reset STOP condition followed by a START condition will be transmitted and TWSTO Flag will be reset $30 Data byte has been transmitted; NOT ACK has been received Load data byte or No TWDR action or No TWDR action or No TWDR action 0 1 0 1 0 0 1 1 1 1 1 1 X X X X Data byte will be transmitted and ACK or NOT ACK will be received Repeated START will be transmitted STOP condition will be transmitted and TWSTO Flag will be reset STOP condition followed by a START condition will be transmitted and TWSTO Flag will be reset $38 Arbitration lost in SLA+W or data bytes No TWDR action or No TWDR action 0 1 0 0 1 1 X X Two-wire Serial Bus will be released and not addressed slave mode entered A START condition will be transmitted when the bus be- comes free Table 20-2. Status Codes for Master Transmitter Mode |