công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATtiny24-20SSU bảng dữ liệu(PDF) 66 Page - ATMEL Corporation

tên linh kiện ATtiny24-20SSU
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny24-20SSU bảng dữ liệu(HTML) 66 Page - ATMEL Corporation

Back Button ATtiny24-20SSU Datasheet HTML 62Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 63Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 64Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 65Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 66Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 67Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 68Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 69Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 70Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 236 page
background image
66
8006H–AVR–10/09
ATtiny24/44/84
• Port B, Bit 3 – RESET/dW/PCINT11
• RESET: External Reset input is active low and enabled by unprogramming (“1”) the
RSTDISBL Fuse. Pullup is activated and output driver and digital input are deactivated when
the pin is used as the RESET pin.
•dW: When the debugWIRE Enable (DWEN) Fuse is programmed and Lock bits are
unprogrammed, the debugWIRE system within the target device is activated. The RESET
port pin is configured as a wire-AND (open-drain) bi-directional I/O pin with pull-up enabled
and becomes the communication gateway between target and emulator.
•PCINT11: Pin Change Interrupt source 11. The PB3 pin can serve as an external interrupt
source for pin change interrupt 1.
Table 10-8 on page 66 and Table 10-9 on page 67 relate the alternate functions of Port B to the
overriding signals shown in Figure 10-5 on page 59.
Table 10-8.
Overriding Signals for Alternate Functions in PB3..PB2
Signal
Name
PB3/
RESET/dW/
PCINT11
PB2/INT0/OC0A/CKOUT/PCINT10
PUOE
RSTDISBL (1)+ DEBUGWIRE_ENABLE (2)
1.
RSTDISBL is 1 when the Fuse is “0” (Programmed).
2.
DebugWIRE is enabled wheb DWEN Fuse is programmed and Lock bits are unprogrammed.
CKOUT
PUOV
1
0
DDOE
RSTDISBL(1) + DEBUGWIRE_ENABLE(2)
CKOUT
DDOV
DEBUGWIRE_ENABLE(2) • debugWire
Transmit
1
PVOE
RSTDISBL(1) + DEBUGWIRE_ENABLE(2)
CKOUT + OC0A enable
PVOV
0
CKOUT • System Clock + CKOUT • OC0A
PTOE
0
0
DIEOE
RSTDISBL(1) + DEBUGWIRE_ENABLE(2) +
PCINT11 • PCIE1
PCINT10 • PCIE1 + INT0
DIEOV
DEBUGWIRE_ENABLE(2) + (RSTDISBL(1) •
PCINT11 • PCIE1)
PCINT10 • PCIE1 + INT0
DI
dW/PCINT11 Input
INT0/PCINT10 Input
AIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com