công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATmega8U2-MU bảng dữ liệu(PDF) 17 Page - ATMEL Corporation

tên linh kiện ATmega8U2-MU
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega8U2-MU bảng dữ liệu(HTML) 17 Page - ATMEL Corporation

Back Button ATmega8U2-MU Datasheet HTML 13Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 14Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 15Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 16Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 17Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 18Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 19Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 20Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 314 page
background image
17
7799B–AVR–07/09
ATmega8U2/16U2/32U2
Figure 7-1.
Program Memory Map
7.2
SRAM Data Memory
Figure 7-2 shows how the ATmega8U2/16U2/32U2 SRAM Memory is organized.
The ATmega8U2/16U2/32U2 is a complex microcontroller with more peripheral units than can
be supported within the 64 location reserved in the Opcode for the IN and OUT instructions. For
the Extended I/O space from $060 - $0FF in SRAM, only the ST/STS/STD and LD/LDS/LDD
instructions can be used.
The first 768 Data Memory locations address the Register File, the I/O Memory, Extended I/O
Memory, and the internal data SRAM. The first 32 locations address the Register file, the next
64 location the standard I/O Memory, then 160 locations of Extended I/O memory, and the 512
locations of internal data SRAM.The five different addressing modes for the data memory cover:
Direct, Indirect with Displacement, Indirect, Indirect with Pre-decrement, and Indirect with Post-
increment. In the Register file, registers R26 to R31 feature the indirect addressing pointer
registers.
The direct addressing reaches the entire data space.
The Indirect with Displacement mode reaches 63 address locations from the base address given
by the Y- or Z-register.
When using register indirect addressing modes with automatic pre-decrement and post-incre-
ment, the address registers X, Y, and Z are decremented or incremented.
0x00000
0x1FFF (8KBytes)
0x3FFF (16KBytes)
Program Memory
Application Flash Section
Boot Flash Section
0x7FFF (32KBytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com