công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATmega8U2-MU bảng dữ liệu(PDF) 16 Page - ATMEL Corporation

tên linh kiện ATmega8U2-MU
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega8U2-MU bảng dữ liệu(HTML) 16 Page - ATMEL Corporation

Back Button ATmega8U2-MU Datasheet HTML 12Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 13Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 14Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 15Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 16Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 17Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 18Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 19Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 314 page
background image
16
7799B–AVR–07/09
ATmega8U2/16U2/32U2
7.
AVR Memories
This section describes the different memories in the ATmega8U2/16U2/32U2. The AVR archi-
tecture has two main memory spaces, the Data Memory and the Program Memory space. In
addition, the ATmega8U2/16U2/32U2 features an EEPROM Memory for data storage. All three
memory spaces are linear and regular.
7.1
In-System Reprogrammable Flash Program Memory
The ATmega8U2/16U2/32U2 contains 8K/16K/32K bytes On-chip In-System Reprogrammable
Flash memory for program storage. Since all AVR instructions are 16 or 32 bits wide, the Flash
is organized as 4K x 16, 8K x 16. For software security, the Flash Program memory space is
divided into two sections, Boot Program section and Application Program section.
The Flash memory has an endurance of at least 100,000 write/erase cycles. The
ATmega8U2/16U2/32U2 Program Counter (PC) is 16 bits wide, thus addressing the
8K/16K/32K program memory locations. The operation of Boot Program section and associated
Boot Lock bits for software protection are described in detail in “Memory Programming” on page
246. “Memory Programming” on page 246 contains a detailed description on Flash data serial
downloading using the SPI pins or the debugWIRE interface.
Constant tables can be allocated within the entire program memory address space (see the LPM
– Load Program Memory instruction description and ELPM - Extended Load Program Memory
instruction description).
Timing diagrams for instruction fetch and execution are presented in “Instruction Execution Tim-
ing” on page 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com