công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATmega8U2-MU bảng dữ liệu(PDF) 86 Page - ATMEL Corporation

tên linh kiện ATmega8U2-MU
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega8U2-MU bảng dữ liệu(HTML) 86 Page - ATMEL Corporation

Back Button ATmega8U2-MU Datasheet HTML 82Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 83Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 84Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 85Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 86Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 87Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 88Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 89Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 90Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 314 page
background image
86
7799B–AVR–07/09
ATmega8U2/16U2/32U2
13.2.3
EIMSK – External Interrupt Mask Register
• Bits 7:0 – INT[7:0]: External Interrupt Request 7:0 Enable
When an INT[7:0] bit is written to one and the I-bit in the Status Register (SREG) is set (one), the
corresponding external pin interrupt is enabled. The Interrupt Sense Control bits in the External
Interrupt Control Registers – EICRA and EICRB – defines whether the external interrupt is acti-
vated on rising or falling edge or level sensed. Activity on any of these pins will trigger an
interrupt request even if the pin is enabled as an output. This provides a way of generating a
software interrupt.
13.2.4
EIFR – External Interrupt Flag Register
• Bits 7:0 – INTF[7:0]: External Interrupt Flags 7:0
When an edge or logic change on the INT[7:0] pin triggers an interrupt request, INTF[7:0]
becomes set (one). If the I-bit in SREG and the corresponding interrupt enable bit, INT[7:0] in
EIMSK, are set (one), the MCU will jump to the interrupt vector. The flag is cleared when the
interrupt routine is executed. Alternatively, the flag can be cleared by writing a logical one to it.
These flags are always cleared when INT[7:0] are configured as level interrupt. Note that when
entering sleep mode with the INT[3:0] interrupts disabled, the input buffers on these pins will be
disabled. This may cause a logic change in internal signals which will set the INTF[3:0] flags.
See “Digital Input Enable and Sleep Modes” on page 71 for more information.
13.2.5
PCICR – Pin Change Interrupt Control Register
• Bit 1:0 – PCIE[1:0]: Pin Change Interrupt Enable 1:0
When the PCIE1/0 bit is set (one) and the I-bit in the Status Register (SREG) is set (one), Pin
Change interrupt 1/0 is enabled. Any change on any enabled PCINT[12:8]/[7:0] pin will cause an
interrupt. The corresponding interrupt of Pin Change Interrupt Request is executed from the
PCI1/0 Interrupt Vector. PCINT[12:8]/[7:0] pins are enabled individually by the PCMSK1/0
Register.
13.2.6
PCIFR – Pin Change Interrupt Flag Register
Bit
76543210
0x1D (0x3D)
INT7
INT6
INT5
INT4
INT3
INT2
INT1
IINT0
EIMSK
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
Bit
76543210
0x1C (0x3C)
INTF7
INTF6
INTF5
INTF4
INTF3
INTF2
INTF1
INTF0
EIFR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
Bit
7
6543
210
(0x68)
-
-
–
–
–
–
PCIE1
PCIE0
PCICR
Read/Write
RRRR
RR
R/W
R/W
Initial Value
0
0000
000
Bit
7
6543
210
0x1B (0x3B)
-
-
–
–
–
–
PCIF1
PCIF0
PCIFR
Read/Write
RRRR
RR
R/W
R/W
Initial Value
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com