công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F6457GLFD bảng dữ liệu(PDF) 96 Page - Renesas Technology Corp

tên linh kiện R5F6457GLFD
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6457GLFD bảng dữ liệu(HTML) 96 Page - Renesas Technology Corp

Back Button R5F6457GLFD Datasheet HTML 92Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 93Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 94Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 95Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 96Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 97Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 98Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 99Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 132 page
background image
REJ03B0234-0102 Rev.1.02 Nov 30, 2009
Page 96 of 129
R32C/157 Group
5. Electrical Characteristics
Note:
1.
The device is operationally guaranteed under these operating conditions.
Figure 5.1
Clock Cycle Time
Table 5.5
Operating Conditions (4/6)
(VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted) (1)
Symbol
Characteristic
Value
Unit
Min.
Typ.
Max.
f(XIN)
Main clock oscillator frequency
48
MHz
f(XRef)
Reference clock frequency
24
MHz
f(PLL)
PLL clock oscillator frequency
96
144
MHz
f(Base)
Base clock frequency
64
MHz
tc(Base)
Base clock cycle time
15.625
ns
f(CPU)
CPU operating frequency
64
MHz
tc(CPU)
CPU clock cycle time
15.625
ns
f(BCLK)
Peripheral bus clock operating frequency
32
MHz
tc(BCLK)
Peripheral bus clock cycle time
31.25
ns
f(PER)
Peripheral clock source frequency
32
MHz
f(XCIN)
Sub clock oscillator frequency
32.768
50
kHz
Base clock
(Internal signal)
t c(Base)
Peripheral bus clock
(Internal signal)
t c(BCLK)
CPU clock
(Internal signal)
t c(CPU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com