công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F6457GLFD bảng dữ liệu(PDF) 92 Page - Renesas Technology Corp

tên linh kiện R5F6457GLFD
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6457GLFD bảng dữ liệu(HTML) 92 Page - Renesas Technology Corp

Back Button R5F6457GLFD Datasheet HTML 88Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 89Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 90Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 91Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 92Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 93Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 94Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 95Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 132 page
background image
REJ03B0234-0102 Rev.1.02 Nov 30, 2009
Page 92 of 129
R32C/157 Group
5. Electrical Characteristics
5.
Electrical Characteristics
Note:
1.
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Table 5.1
Absolute Maximum Ratings (1)
Symbol
Characteristic
Condition
Value
Unit
VCC
Supply voltage
VCC = AVCC
-0.3 to 6.0
V
AVCC
Analog supply voltage
VCC = AVCC
-0.3 to 6.0
V
VI
Input voltage XIN,
RESET, CNVSS, NSD, VREF,
P0_0 to P0_7, P1_0 to P1_7,
P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_7, P9_0 to P9_7,
P10_0 to P10_7, P11_0 to P11_4,
P12_0 to P12_7, P13_0 to P13_7,
P14_1, P14_3 to P14_6,
P15_0 to P15_7
-0.3 to VCC + 0.3
V
VO
Output
voltage
XOUT, P0_0 to P0_7, P1_0 to P1_7,
P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_4, P8_6, P8_7,
P9_0 to P9_7, P10_0 to P10_7,
P11_0toP11_4, P12_0toP12_7,
P13_0 to P13_7, P14_3 to P14_6,
P15_0 to P15_7
-0.3 to VCC + 0.3
V
Pd
Power consumption
Ta = 25°C
500
mW
—
Operating temperature range
-40 to 125
°C
Tstg
Storage temperature range
-65 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com