công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F6411FNFP bảng dữ liệu(PDF) 27 Page - Renesas Technology Corp

tên linh kiện R5F6411FNFP
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6411FNFP bảng dữ liệu(HTML) 27 Page - Renesas Technology Corp

Back Button R5F6411FNFP Datasheet HTML 23Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 24Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 25Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 26Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 27Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 28Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 29Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 30Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 105 page
background image
REJ03B0227-0110 Rev.1.10 Sep 17, 2009
Page 27 of 99
R32C/111 Group
1. Overview
Table 1.18
Pin Definitions and Functions for the 100-pin Package (4/4)
Function
Symbol
I/O
Power
Supply
Description
Serial interface
special functions
STXD0 to
STXD6
O
VCC1
VCC2
Serial data output in slave mode.
STXD2 is N-channel open drain
SRXD0 to
SRXD6
I
VCC1
VCC2
Serial data input in slave mode
SS0 to SS6
I
VCC1
VCC2
Input to control serial interface special functions
A/D converter
AN_0 to AN_7
I
VCC1
Analog input for the A/D converter
AN0_0 to
AN0_7
AN2_0 to
AN2_7
I
VCC2
ADTRG
I
VCC1
External trigger input for the A/D converter
ANEX0
I/O
VCC1
Expanded analog input for the A/D converter and
output in external op-amp connection mode
ANEX1
I
VCC1
Expanded analog input for the A/D converter
D/A converter
DA0, DA1
O
VCC1
Output for the D/A converter
Reference voltage
input
VREF
I
−
Reference voltage input for the A/D converter and
D/A converter
Intelligent I/O
IIO0_0 to
IIO0_7
I/O
VCC1
VCC2
Input/output for the Intelligent I/O group 0. Either
input capture or output compare is selectable
IIO1_0 to
IIO1_7
I/O
VCC1
VCC2
Input/output for the Intelligent I/O group 1. Either
input capture or output compare is selectable.
IIO1_6 and IIO1_7 outputs assigned for ports
P7_0 and P7_1 are N-channel open drain
UD0A, UD0B,
UD1A, UD1B
I
VCC1
VCC2
Input for the two-phase encoder
OUTC2_0 to
OUTC2_2
O
VCC1
VCC2
Output for OC (output compare) of the Intelligent I/
O group 2.
OUTC2_0 and OUTC2_2 assigned for ports P7_0
and P7_1 are N-channel open drain
ISCLK2
I/O
VCC1
VCC2
Clock input/output for the serial interface
ISRXD2
I
Receive data input for the serial interface
ISTXD2
O
Transmit data output for the serial interface.
ISTXD2 assigned for port P7_0 is N-channel open
drain
IEIN
I
VCC1
VCC2
Receive data input for the serial interface
IEOUT
O
Transmit data output for the serial interface.
IEOUT assigned for port P7_0 is N-channel open
drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com