công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F6411FNFP bảng dữ liệu(PDF) 67 Page - Renesas Technology Corp

tên linh kiện R5F6411FNFP
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6411FNFP bảng dữ liệu(HTML) 67 Page - Renesas Technology Corp

Back Button R5F6411FNFP Datasheet HTML 63Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 64Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 65Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 66Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 67Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 68Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 69Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 70Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 105 page
background image
REJ03B0227-0110 Rev.1.10 Sep 17, 2009
Page 67 of 99
R32C/111 Group
5. Electrical Characteristics
Figure 5.3
Power Supply Circuit Timing
Table 5.9
Power Supply Circuit Timing Characteristics
(VCC1 =VCC2 = 3.0 to 5.5 V, VSS =0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristic
Measurement
condition
Value
Unit
Min.
Typ. Max.
td(P-R)
Internal power supply start-up stabilization
time after the main power supply is turned on
2ms
Table 5.10
Electrical Characteristics of Voltage Regulator for Internal Logic
(VCC1 =VCC2 = 3.0 to 5.5 V, VSS =0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristics
Measurement
condition
Value
Unit
Min.
Typ.
Max.
VVDC1
Output voltage
1.5
V
Table 5.11
Electrical Characteristics of Low Voltage Detector
(VCC1 =VCC2 = 4.2 to 5.5 V, VSS =0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristics
Measurement
condition
Value
Unit
Min.
Typ.
Max.
∆Vdet
Detected voltage error
±0.3
V
Vdet(R)-Vdet(F) Hysteresis width
0
V
—
Self-consuming current
VCC1 = 5.0 V, low
voltage detector enabled
4µA
td(E-A)
Operation start time of low voltage detector
150
µs
t d(P-R)
VCC1
PLL oscillator-
output waveform
Internal power supply start-up
stabilization time after the main
power supply is turned on
Recommended
operating voltage
t d(P-R)
Supply voltage for
internal logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com