công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F6411FNFP bảng dữ liệu(PDF) 73 Page - Renesas Technology Corp

tên linh kiện R5F6411FNFP
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6411FNFP bảng dữ liệu(HTML) 73 Page - Renesas Technology Corp

Back Button R5F6411FNFP Datasheet HTML 69Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 70Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 71Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 72Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 73Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 74Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 75Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 76Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 105 page
background image
REJ03B0227-0110 Rev.1.10 Sep 17, 2009
Page 73 of 99
R32C/111 Group
5. Electrical Characteristics
VCC1 =VCC2 =5V
Note:
1.
Pins AN0_4 to AN0_7, ANEX0, and ANEX1 are available in the 100- and 80-pin package only.
Table 5.18
A/D Conversion Characteristics (VCC1 =VCC2 =AVCC =VREF = 4.2 to 5.5 V,
VSS =AVSS =0 V, Ta =Topr, and f(BCLK) = 25 MHz, unless otherwise noted)
Symbol
Characteristic
Measurement condition
Value
Unit
Min.
Typ.
Max.
—
Resolution
VREF = VCC1
10
Bits
—
Absolute error
VREF = VCC1 = VCC2
= 5 V
AN_0 to AN_7,
AN0_0toAN0_7,
AN2_0toAN2_7,
ANEX0, ANEX1 (1)
±3
LSB
External op-amp
connection mode
±7
LSB
INL
Integral non-linearity
error
VREF = VCC1 = VCC2
= 5 V
AN_0 to AN_7,
AN0_0toAN0_7,
AN2_0toAN2_7,
ANEX0, ANEX1 (1)
±3
LSB
External op-amp
connection mode
±7
LSB
DNL
Differential non-linearity
error
±1
LSB
—Offset error
±3
LSB
—
Gain error
±3
LSB
RLADDER
Resistor ladder
VREF = VCC1
420
k
Ω
tCONV
Conversion time
(10 bits)
φ
AD = 16 MHz, with sample and hold
function
2.06
µs
φ
AD = 16 MHz, without sample and hold
function
3.69
µs
tCONV
Conversion time
(8 bits)
φ
AD = 16 MHz, with sample and hold
function
1.75
µs
φ
AD = 16 MHz, without sample and hold
function
3.06
µs
tSAMP
Sample time
φ
AD = 16 MHz
0.188
µs
VIA
Analog input voltage
0
VREF
V
φ
AD
Operating clock
frequency
without sample and hold function
0.25
16
MHz
with sample and hold function
1
16
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com