| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT91SAM9261S bảng dữ liệu(PDF) 39 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91SAM9261S bảng dữ liệu(HTML) 39 Page - ATMEL Corporation |
|
39 / 709 page ![]() 39 6242E–ATARM–11-Sep09 AT91SAM9261S Minimum interrupt latency is maintained across both ARM state and Java state. Since byte codes execution can be restarted, an interrupt automatically triggers the core to switch from Java state to ARM state for the execution of the interrupt handler. This means that no special provision has to be made for handling interrupts while executing byte codes, whether in hard- ware or in software. 11.2.6 ARM9EJ-S Operating Modes In all states, there are seven operation modes: • User mode is the usual ARM program execution state. It is used for executing most application programs • Fast Interrupt (FIQ) mode is used for handling fast interrupts. It is suitable for high-speed data transfer or channel process • Interrupt (IRQ) mode is used for general-purpose interrupt handling • Supervisor mode is a protected mode for the operating system • Abort mode is entered after a data or instruction prefetch abort • System mode is a privileged user mode for the operating system • Undefined mode is entered when an undefined instruction exception occurs Mode changes may be made under software control, or may be brought about by external inter- rupts or exception processing. Most application programs execute in User Mode. The non-user modes, known as privileged modes, are entered in order to service interrupts or exceptions or to access protected resources. 11.2.7 ARM9EJ-S Registers The ARM9EJ-S core has a total of 37 registers. • 31 general-purpose 32-bit registers • 6 32-bit status registers Table 11-1 shows all the registers in all modes. Table 11-1. ARM9TDMI ™ Modes and Registers Layout User and System Mode Supervisor Mode Abort Mode Undefined Mode Interrupt Mode Fast Interrupt Mode R0 R0 R0 R0 R0 R0 R1 R1 R1 R1 R1 R1 R2 R2 R2 R2 R2 R2 R3 R3 R3 R3 R3 R3 R4 R4 R4 R4 R4 R4 R5 R5 R5 R5 R5 R5 R6 R6 R6 R6 R6 R6 R7 R7 R7 R7 R7 R7 R8 R8 R8 R8 R8 R8_FIQ R9 R9 R9 R9 R9 R9_FIQ R10 R10 R10 R10 R10 R10_FIQ |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |