công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT91SAM9261S bảng dữ liệu(PDF) 21 Page - ATMEL Corporation

tên linh kiện AT91SAM9261S
Giải thích chi tiết về linh kiện  AT91 ARM Thumb-based Microcontrollers
PDF  709 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9261S bảng dữ liệu(HTML) 21 Page - ATMEL Corporation

Back Button AT91SAM9261S Datasheet HTML 17Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 18Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 19Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 20Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 21Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 22Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 23Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 24Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 709 page
background image
21
6242E–ATARM–11-Sep09
AT91SAM9261S
9.2
Reset Controller
• Based on two Power-on-Reset cells
• Status of the last reset
– Either cold reset, first reset, soft reset, user reset, watchdog reset, wake-up reset
• Controls the internal resets and the NRST pin output
9.3
Shutdown Controller
• Shutdown and Wake-up logic:
– Software programmable assertion of the SHDN pin
– Deassertion Programmable on a WKUP pin level change or on alarm
9.4
General-purpose Backup Registers
• Four 32-bit general-purpose backup registers
9.5
Clock Generator
• Embeds the Low-power 32768 Hz Slow Clock Oscillator
– Provides the permanent Slow Clock to the system
• Embeds the Main Oscillator
– Oscillator bypass feature
– Supports 3 to 20 MHz crystals
• Embeds Two PLLs
– Outputs 80 to 240 MHz clocks
– Integrates an input divider to increase output accuracy
– 1 MHz minimum input frequency
• Provides SLCK, MAINCK, PLLACK and PLLBCK.
Figure 9-2.
Clock Generator Block Diagram
Power
Management
Controller
XIN
XOUT
PLLRCA
Slow Clock
SLCK
Main Clock
MAINCK
PLLA Clock
PLLACK
Control
Status
PLL and
Divider B
PLLRCB
PLLB Clock
PLLBCK
XIN32
XOUT32
Slow Clock
Oscillator
Main
Oscillator
PLL and
Divider A
Clock Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com