công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT91SAM9261S bảng dữ liệu(PDF) 79 Page - ATMEL Corporation

tên linh kiện AT91SAM9261S
Giải thích chi tiết về linh kiện  AT91 ARM Thumb-based Microcontrollers
PDF  709 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9261S bảng dữ liệu(HTML) 79 Page - ATMEL Corporation

Back Button AT91SAM9261S Datasheet HTML 75Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 76Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 77Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 78Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 79Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 80Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 81Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 82Page - ATMEL Corporation AT91SAM9261S Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 709 page
background image
79
6242E–ATARM–11-Sep09
AT91SAM9261S
If the dataflash is ready, DataFlash boot reads the first 8 words into SRAM (Instruction code
“Continuous Read Array” 0x0b) and checks if it corresponds to valid exception vectors according
to the Valid Image detection algorithm.
If a valid application is found, this application is loaded into internal SRAM and executed by
branching at address 0x0000_0000 after remap. This application may be the application code or
a second-level bootloader.
The DataFlash boot is configured to be compatible with the future design of the DataFlash.
Figure 13-7. Serial DataFlash Download
End
Read the first 8 instructions (32 bytes).
Decode the sixth ARM vector
Yes
Read the DataFlash into the internal SRAM.
(code size to read in vector 6)
Restore the reset value for the peripherals.
Set the PC to 0 and perform the REMAP
to jump to the downloaded application
Send status command
8 vectors
(except vector 6) are LDR
or Branch instruction
Yes
Start
Is status OK ?
Jump to next boot
solution
No
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com