| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATmega128 bảng dữ liệu(PDF) 59 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega128 bảng dữ liệu(HTML) 59 Page - ATMEL Corporation |
|
59 / 386 page ![]() 59 2467S–AVR–07/09 ATmega128 1. In the same operation, write a logical one to WDCE and WDE. Even though the WDE always is set, the WDE must be written to one to start the timed sequence. 2. Within the next four clock cycles, in the same operation, write the WDP bits as desired, but with the WDCE bit cleared. The value written to the WDE bit is irrelevant. |