| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM68932DVKB bảng dữ liệu(PDF) 37 Page - Etron Technology, Inc. |
|
|
|||||||||||||||||||||||||||||
EM68932DVKB bảng dữ liệu(HTML) 37 Page - Etron Technology, Inc. |
|
37 / 40 page ![]() EtronTech EM68932DVKB Etron Confidential 37 Rev. 1.0 Aug. 2009 Figure 31. Interrupting Write to Precharge WRITE NOP NOP NOP PRE NOP BA, Col b BA a (or all) DQS DQ CK CK (1) DI b = Data In to column b. (2) An interrupted burst of 4 or 8 is shown, 2 data elements are written. (3) tWTR is referenced from the positive clock edge after the last desired Data in pair. (4) A10 is LOW with the WRITE command (Auto Precharge is disabled) (5) *1 = can be Don’t Care for programmed burst length of 4 (6) *2 = for programmed burst length of 4, DQS becomes Don’t Care at this point DI b DM tDQSS max Command Address tWR Don’t Care *2 *1 *1 *1 *1 Figure 32. Precharge Command (High) Don’t Care A0-A9 A11 A10 CK CK CKE CS RAS CAS WE BA0,1 BA BA = Bank Address (if A10 = L, otherwise Don’t Care) All Banks One Bank |