| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM68932DVKB bảng dữ liệu(PDF) 25 Page - Etron Technology, Inc. |
|
|
|||||||||||||||||||||||||||||
EM68932DVKB bảng dữ liệu(HTML) 25 Page - Etron Technology, Inc. |
|
25 / 40 page ![]() EtronTech EM68932DVKB Etron Confidential 25 Rev. 1.0 Aug. 2009 Figure 14. Read Burst Showing CAS Latency CL = 2 Don’t Care DO n READ NOP NOP NOP NOP NOP BA, Col n CL = 3 DO n Command Address DQS DQ DQS DQ CK CK (1) DO n = Data Out from column n (2) BA, Col n = Bank A, Column n (3) Burst Length = 4; 3 subsequent elements of Data Out appear in the programmed order following DO n (4) Shown with nominal tAC, tDQSCK and tDQSQ Figure 15. Consecutive Read Bursts CL = 2 Don’t Care DO n READ NOP READ NOP NOP NOP BA, Col n BA, Col b CL = 3 DO n Command Address DQS DQ DQS DQ CK CK (1) DO n (or b) = Data Out from column n (or column b) (2) Burst Length = 4 or 8 (if 4, the bursts are concatenated; if 8 , the second burst interrupts the first) (3) Read bursts are to an active row in any bank (4) Shown with nominal tAC, tDQSCK and tDQSQ DO b DO b |