công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE8264E bảng dữ liệu(PDF) 12 Page - Infineon Technologies AG

tên linh kiện TLE8264E
Giải thích chi tiết về linh kiện  Universal System Basis Chip HERMES Rev. 1.0
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8264E bảng dữ liệu(HTML) 12 Page - Infineon Technologies AG

Back Button TLE8264E Datasheet HTML 8Page - Infineon Technologies AG TLE8264E Datasheet HTML 9Page - Infineon Technologies AG TLE8264E Datasheet HTML 10Page - Infineon Technologies AG TLE8264E Datasheet HTML 11Page - Infineon Technologies AG TLE8264E Datasheet HTML 12Page - Infineon Technologies AG TLE8264E Datasheet HTML 13Page - Infineon Technologies AG TLE8264E Datasheet HTML 14Page - Infineon Technologies AG TLE8264E Datasheet HTML 15Page - Infineon Technologies AG TLE8264E Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 99 page
background image
Data Sheet
12
Rev. 1.0, 2009-03-31
TLE8264E
State Machine
4
State Machine
4.1
Block Description
Figure 5
Power Mode Management
SBC Init mode
(256ms max after reset relaxation)
Vcc1
on
Vcc2/3
off
WD
conf
L.H.
inact
CAN
inact
LIN
inact
SBC Normal mode
Vcc1
on
Vcc2/3
on/off
WD
conf
CAN
conf
LIN
conf
SBC SW Flash mode
Vcc1
on
Vcc2/3
on/off
WD
fixed
CAN
Tx/Rx
LIN
Flash
mode
SBC Restart mode
Vcc1
on
Vcc2/3
on/off
Reset
act.
CAN
waked or off
SBC Sleep mode
Vcc1
off
Vcc2/3
off
WD
off
CAN
Wakable/
off
LIN
Wakable/
off
SBC Stop mode
Vcc1
on
Vcc2/3
on/off
WD
fixed/off
CAN
wakable/
off
LIN
wakable/
off
SBC Fail-Safe mode
Vcc1
off
Vcc2/3
off
WD
off
L.H.
act
CAN
sleep
LIN
sleep
SBC SW Development
mode
Vcc1
mode set
Vcc2/3
mode set
WD
mode set
L.H.
mode set
CAN
mode set
LIN
mode set
SBC Factory Flash mode
Vcc1
ext.
Vcc2/3
off
WD
off
L.H.
inact.
CAN
off
LIN
off
CAN, LIN, WK Wake-up
OR
Release of over temperature at Vcc1
(Wake-up event stored)
(LH entry condition stored)
1st (config1) or 2nd (config3) WD trig
failure
in Normal / Stop / SW Flash mode
Detection of falling edge at reset
pin (any mode)
OR
undervoltage reset at VCC1µC
(any mode)
SPI cmd
OR
WD failed
NOT reset clamped
(high or low)
OR
NOT undervoltage
at Vcc1
WK event stored
LH entry condition
stored
OR
Restart entry
condition stored
Wake up event
SPI cmd
SPI cmd
SPI cmd
SPI cmd
SPI cmd
SPI cmd
SPI cmd
reset (initiated by SBC )
WD trig
First battery connection
(POR)
AND
config0 not active
First battery connection
(POR)
AND
config0
Condition / event
SBC action
L.H.
act/inact
Config 1/3:
Reset clamped LOW (any
mode)
Config 2/4:
Reset clamped LOW (any
mode)
Init mode not successful
Config 2/4:
Reset clamped HIGH during Restart
or Init mode
L.H.
act/inact
L.H.
act/inact
L.H.
act/inact
L.H.
act/inact
1st (config2) or 2nd (config4) WD trig failure
in Normal / Stop / SW Flash mode
Vcc1 over temperature shutdown
OR
VS > VUV_ON & Undervoltage time
out on VCC1
Power mode managment.vsd
Config 1/3:
Reset clamped HIGH during restart/ init
WD trig
WD trig
LIN
waked or off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com