công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE8264E bảng dữ liệu(PDF) 73 Page - Infineon Technologies AG

tên linh kiện TLE8264E
Giải thích chi tiết về linh kiện  Universal System Basis Chip HERMES Rev. 1.0
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8264E bảng dữ liệu(HTML) 73 Page - Infineon Technologies AG

Back Button TLE8264E Datasheet HTML 69Page - Infineon Technologies AG TLE8264E Datasheet HTML 70Page - Infineon Technologies AG TLE8264E Datasheet HTML 71Page - Infineon Technologies AG TLE8264E Datasheet HTML 72Page - Infineon Technologies AG TLE8264E Datasheet HTML 73Page - Infineon Technologies AG TLE8264E Datasheet HTML 74Page - Infineon Technologies AG TLE8264E Datasheet HTML 75Page - Infineon Technologies AG TLE8264E Datasheet HTML 76Page - Infineon Technologies AG TLE8264E Datasheet HTML 77Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 99 page
background image
Data Sheet
73
Rev. 1.0, 2009-03-31
TLE8264E
Configuration Select
14
Configuration Select
14.1
Configuration select
The Configuration select is used to set the device for two different SBC behaviors; please refer to Chapter 4.2.1
for detailed information. Depending on the requirements of the application, the
V
cc1µC is switched off and the device
goes to Fail-Safe Mode in case of watchdog fail (1 or 2 fail) or reset clamped. To turn
V
cc1µC OFF (Config 2/4), the
INT pin is not connected to a pull up resistor externally. In case the
V
cc1µC is not switched off (Config 1/3) the INT
pin is connected to
V
cc1µC with a pull up resistor. The configuration is only read during Init Mode, after that the
configuration is stored.
14.2
Config Hardware Descriptions
In Init Mode before the RO pin goes high the INT pin is pulled to low with a weak pull down resistor
R
CFG, the pull
up resistor RINT is switched off. When Vcc1µC is high, above the reset threshold VRT1 and before the RO pin goes
high the level on the INT pin is monitored to select the configuration. With RO going high in Init Mode the pull up
resistor RINT is switched on.
Figure 37 gives the electrical equivalents to the configuration function of the INT pin.
Figure 37
Config Logic Diagram
Electrical characteristics are listed in chapter Chapter 12.5
INTERRUPT BLOCK_CONFIG.VSD
Interrupt logic
INT
Time
out
Vcc1µC
RINT
Configuration logic
RCFG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com