| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCIMX512CJM6C bảng dữ liệu(PDF) 162 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PCIMX512CJM6C bảng dữ liệu(HTML) 162 Page - Freescale Semiconductor, Inc |
|
162 / 184 page ![]() i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1 162 Freescale Semiconductor Preliminary—Subject to Change Without Notice Package Information and Contact Assignments DI1_D0_CS U21 NVCC_IPU2 GPIO Output Low DI1_D1_CS AB23 NVCC_IPU2 GPIO Output Low DI1_DISP_CLK J18 NVCC_IPU6 GPIO Output Low DI1_PIN11 Y22 NVCC_IPU2 GPIO Output Low DI1_PIN12 AA22 NVCC_IPU2 GPIO Output Low DI1_PIN13 T20 NVCC_IPU2 GPIO Output High DI1_PIN15 H20 NVCC_IPU6 GPIO Output High DI1_PIN2 G23 NVCC_IPU6 GPIO Output High DI1_PIN3 G22 NVCC_IPU6 GPIO Output High DI2_DISP_CLK J21 NVCC_IPU7 GPIO Output High DI2_PIN2 J20 NVCC_IPU7 GPIO Output High DI2_PIN3 K18 NVCC_IPU7 GPIO Output High DI2_PIN4 H23 NVCC_IPU7 GPIO Input Keeper DISP1_DAT0 N20 NVCC_HS6 HSGPIO Input Keeper DISP1_DAT1 N21 NVCC_HS6 HSGPIO Input Keeper DISP1_DAT102 D22 NVCC_IPU4 GPIO Input Keeper DISP1_DAT112 D23 NVCC_IPU4 GPIO Input Keeper DISP1_DAT122 E21 NVCC_IPU4 GPIO Input Keeper DISP1_DAT132 F20 NVCC_IPU4 GPIO Input Keeper DISP1_DAT142 E22 NVCC_IPU4 GPIO Input Keeper DISP1_DAT152 G19 NVCC_IPU4 GPIO Input Keeper DISP1_DAT162 E23 NVCC_IPU5 GPIO Input Keeper DISP1_DAT172 F21 NVCC_IPU5 GPIO Input Keeper DISP1_DAT182 G20 NVCC_IPU5 GPIO Input Keeper DISP1_DAT192 H18 NVCC_IPU5 GPIO Input Keeper DISP1_DAT2 U22 NVCC_HS6 HSGPIO Input Keeper DISP1_DAT202 F23 NVCC_IPU5 GPIO Input Keeper DISP1_DAT212 H19 NVCC_IPU5 GPIO Input Keeper DISP1_DAT222 F22 NVCC_IPU5 GPIO Input Keeper DISP1_DAT232 G21 NVCC_IPU5 GPIO Input Keeper DISP1_DAT3 U23 NVCC_HS6 HSGPIO Input Keeper DISP1_DAT4 T22 NVCC_HS6 HSGPIO Input Keeper Table 114. 19 x 19 mm Signal Assignments, Power Rails, and I/O (continued) Contact Name Contact Assignment Power Rail I/O Buffer Type Direction after Reset1 Configuraton after Reset1 |