công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCIMX512CJM6C bảng dữ liệu(PDF) 36 Page - Freescale Semiconductor, Inc

tên linh kiện PCIMX512CJM6C
Giải thích chi tiết về linh kiện  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX512CJM6C bảng dữ liệu(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button PCIMX512CJM6C Datasheet HTML 32Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 33Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 34Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 35Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 36Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 37Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 38Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 39Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
36
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Electrical Characteristics
3.6
Module Timing
This section contains the timing and electrical parameters for the modules in the i.MX51 processor.
3.6.1
Reset Timings Parameters
Figure 10 shows the reset timing and Table 32 lists the timing parameters.
Figure 10. Reset Timing Diagram
3.6.2
WDOG Reset Timing Parameters
Figure 11 shows the WDOG reset timing and Table 33 lists the timing parameters.
Figure 11. WATCHDOG_RST Timing Diagram
NOTE
CKIL is approximately 32 kHz. TCKIL is one period or approximately 30 μs.
3.6.3
AUDMUX Timing Parameters
The AUDMUX provides a programmable interconnect logic for voice, audio and data routing between
internal serial interfaces (SSIs) and external serial interfaces (audio and voice codecs). The AC timing of
AUDMUX external pins is hence governed by the SSI module.
Table 32. Reset Timing Parameters
ID
Parameter
Min
Max
Unit
CC1
Duration of RESET_IN to be qualified as valid (input slope = 5 ns)
50
—
ns
Table 33. WATCHDOG_RST Timing Parameters
ID
Parameter
Min
Max
Unit
CC5
Duration of WATCHDOG_RESET Assertion
1
—
TCKIL
RESET_IN
CC1
(Input)
WATCHDOG_RST
CC5
(Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More