công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCIMX512CJM6C bảng dữ liệu(PDF) 158 Page - Freescale Semiconductor, Inc

tên linh kiện PCIMX512CJM6C
Giải thích chi tiết về linh kiện  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX512CJM6C bảng dữ liệu(HTML) 158 Page - Freescale Semiconductor, Inc

Back Button PCIMX512CJM6C Datasheet HTML 154Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 155Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 156Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 157Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 158Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 159Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 160Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 161Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 162Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
158
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Package Information and Contact Assignments
4.2.1.1
19
× 19 mm Package Drawing Notes
The following notes apply to Figure 103.
1 All dimensions in millimeters.
2 Dimensioning and tolerancing per ASME Y14.5M-1994.
3 Maximum solder ball diameter measured parallel to Datum A.
4 Datum A, the seating plane, is determined by the spherical crowns of the solder balls.
5 Parallelism measurement shall exclude any effect of mark on top surface of package.
4.2.2
19
× 19 mm Signal Assignments, Power Rails, and I/O
Table 113 shows the device connection list and Table 114 displays an alpha-sorted list of the signal
assignments including associated power supplies.
4.2.2.1
19
× 19 mm Ground, Power, Sense, and Reference Contact Assignments
Table 113 shows the device connection list for ground, power, sense, and reference contact signals
alpha-sorted by name.
Table 113. 19
× 19 mm Ground, Power, Sense, and Reference Contact Assignments
Contact Name
Contact Assignment
AHVDDRGB
Y18, AA18
AHVSSRGB
Y19, AA19
GND
A1 , A23, G5, H9, J8, J9, J10, J12, J13, J14, K8, K9, K10, K11, K12, K13, K14, L8, L9, L10, L11,L12,
L13, L14, M9, M10, M11, M12, M13, M14, M15, N8, N9, N10, N11, N12, N13, N14, N15, N16, P8,
P9, P10, P11, P12, P13, P14, P15, R8, R9, R10, R11,R12, R13, R14, R15, R16, T5, T16, AC1,
AC21, AC23
GND_ANA_PLL_A
U7
GND_ANA_PLL_B
U17
GND_DIG_PLL_A
T7
GND_DIG_PLL_B
V18
NGND_OSC
V17
NGND_TV_BACK
T15
NGND_USBPHY
L16
NVCC_EMI
U8, U9, U10, U11, U12, V7
NVCC_EMI_DRAM
H6, J6, K6, L6, M6, N6, P6, R6, T6
NVCC_HS10
M16
NVCC_HS4_1
M18
NVCC_HS4_2
N18
NVCC_HS6
M17
NVCC_I2C
T14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More