| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCIMX512CJM6C bảng dữ liệu(PDF) 152 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PCIMX512CJM6C bảng dữ liệu(HTML) 152 Page - Freescale Semiconductor, Inc |
|
152 / 184 page ![]() i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1 152 Freescale Semiconductor Preliminary—Subject to Change Without Notice Package Information and Contact Assignments UART1_CTS B13 NVVCC_PER12 GPIO Input 100 k Ω pull-up UART1_RTS C13 NVVCC_PER12 GPIO Input 100 k Ω pull-up UART1_RXD D13 NVVCC_PER12 GPIO Input 100 k Ω pull-up UART1_TXD A12 NVVCC_PER12 GPIO Input 100 k Ω pull-up UART2_RXD A13 NVVCC_PER12 GPIO Input 100 k Ω pull-up UART2_TXD C14 NVVCC_PER12 GPIO Input 100 k Ω pull-up UART3_RXD B14 NVVCC_PER12 GPIO Input Keeper UART3_TXD A14 NVVCC_PER12 GPIO Input Keeper USBH1_CLK C11 NVCC_PER11 GPIO Input Keeper USBH1_DATA0 B11 NVCC_PER11 GPIO Input Keeper USBH1_DATA1 A10 NVCC_PER11 GPIO Input Keeper USBH1_DATA2 A9 NVCC_PER11 GPIO Input Keeper USBH1_DATA3 C10 NVCC_PER11 GPIO Input Keeper USBH1_DATA4 B9 NVCC_PER11 GPIO Input Keeper USBH1_DATA5 F14 NVCC_PER11 GPIO Input Keeper USBH1_DATA6 C12 NVCC_PER11 GPIO Input Keeper USBH1_DATA7 B12 NVCC_PER11 GPIO Input Keeper USBH1_DIR B10 NVCC_PER11 GPIO Input Keeper USBH1_NXT D12 NVCC_PER11 GPIO Input Keeper USBH1_STP A11 NVCC_PER11 GPIO Input Keeper XTAL AE23 NVCC_OSC Analog Output — 1 The state immediately after reset and before ROM firmware or software has executed. 2 During power-on reset this port acts as input for fuse override signal. See Table 115 on page 172 for details 3 During power-on reset this port acts as output for diagnostic signal. See Table 115 on page 172 for details Table 111. 13 × 13 mm Signal Assignments, Power Rails, and I/O (continued) Contact Name Contact Assignment Power Rail I/O Buffer Type Direction after Reset1 Configuraton after Reset1 |