| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCIMX512CJM6C bảng dữ liệu(PDF) 149 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PCIMX512CJM6C bảng dữ liệu(HTML) 149 Page - Freescale Semiconductor, Inc |
|
149 / 184 page ![]() Package Information and Contact Assignments i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1 Freescale Semiconductor 149 Preliminary—Subject to Change Without Notice GPIO_NAND C3 NVCC_NANDF_A UHVIO Input 100 k Ω pull-up GPIO1_0 H18 NVCC_PER5 GPIO Input Keeper GPIO1_1 C21 NVCC_PER5 GPIO Input Keeper GPIO1_2 B23 NVCC_PER5 GPIO Input Keeper GPIO1_3 A22 NVCC_PER5 GPIO Input Keeper GPIO1_4 B22 NVCC_PER5 GPIO Input Keeper GPIO1_5 C22 NVCC_PER5 GPIO Input Keeper GPIO1_6 B24 NVCC_PER5 GPIO Input Keeper GPIO1_7 A23 NVCC_PER5 GPIO Input Keeper GPIO1_8 C24 NVCC_PER5 GPIO Input Keeper GPIO1_9 C25 NVCC_PER5 GPIO Input Keeper I2C1_CLK AB19 NVCC_I2C I2CIO Input 47 k Ω pull-up I2C1_DAT Y19 NVCC_I2C I2CIO Input 47 k Ω pull-up ID L25 NVCC_USBPHY Analog Input Pull-up IOB AE21 AHVDDRGB Analog Output — IOB_BACK AD21 — Analog Output — IOG AE20 AHVDDRGB Analog Output — IOG_BACK AD20 — Analog Output — IOR AE19 AHVDDRGB Analog Output — IOR_BACK AD19 — Analog Output — JTAG_DE_B AC16 NVCC_PER14 GPIO Input/ Open-drain output 47 k Ω pull-up JTAG_MOD AD16 NVCC_PER14 GPIO Input 100 k Ω pull-down JTAG_TCK AD18 NVCC_PER14 GPIO Input 100 k Ω pull-down JTAG_TDI AB17 NVCC_PER14 GPIO Input 47 k Ω pull-up JTAG_TDO AD17 NVCC_PER14 GPIO 3-state output Keeper JTAG_TMS AC17 NVCC_PER14 GPIO Input 47 k Ω pull-up JTAG_TRSTB AE17 NVCC_PER14 GPIO Input 47 k Ω pull-up KEY_COL0 B16 NVCC_PER13 GPIO Input 100 k Ω pull-up KEY_COL1 C16 NVCC_PER13 GPIO Input 100 k Ω pull-up KEY_COL2 D16 NVCC_PER13 GPIO Input 100 k Ω pull-up Table 111. 13 × 13 mm Signal Assignments, Power Rails, and I/O (continued) Contact Name Contact Assignment Power Rail I/O Buffer Type Direction after Reset1 Configuraton after Reset1 |