công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF8576DU/DA/2 bảng dữ liệu(PDF) 12 Page - NXP Semiconductors

tên linh kiện PCF8576DU/DA/2
Giải thích chi tiết về linh kiện  Universal LCD driver for low multiplex rates
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576DU/DA/2 bảng dữ liệu(HTML) 12 Page - NXP Semiconductors

Back Button PCF8576DU/DA/2 Datasheet HTML 8Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 9Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 10Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 11Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 12Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 13Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 14Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 15Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
PCF8576D_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 25 August 2009
12 of 52
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
7.4.2 1:2 Multiplex drive mode
The 1:2 multiplex drive mode is used when two backplanes are provided in the LCD. This
mode allows fractional LCD bias voltages of 1
⁄
2 bias or
1
⁄
3 bias as shown in Figure 7 and
Figure 8.
(1) Vstate1(t) = VSn(t) − VBP0(t).
(2) Von(RMS) = 0.791VLCD.
(3) Vstate2(t) = VSn+1(t) − VBP1(t).
(4) Voff(RMS) = 0.354VLCD.
Fig 7.
Waveforms for the 1:2 multiplex drive mode with 1
⁄2 bias
mgl746
state 1
BP0
(a) Waveforms at driver.
(b) Resultant waveforms
at LCD segment.
LCD segments
state 2
BP1
state 2
state 1
VSS
VLCD
VLCD / 2
VSS
VSS
VLCD
VLCD
VSS
VLCD
VLCD
VLCD
0 V
0 V
VLCD / 2
VLCD / 2
VLCD / 2
−VLCD
−VLCD
−VLCD / 2
−VLCD / 2
S
n
Sn+1
Tfr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52