công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF8576DU/DA/2 bảng dữ liệu(PDF) 40 Page - NXP Semiconductors

tên linh kiện PCF8576DU/DA/2
Giải thích chi tiết về linh kiện  Universal LCD driver for low multiplex rates
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576DU/DA/2 bảng dữ liệu(HTML) 40 Page - NXP Semiconductors

Back Button PCF8576DU/DA/2 Datasheet HTML 36Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 37Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 38Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 39Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 40Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 41Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 42Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 43Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
PCF8576D_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 25 August 2009
40 of 52
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
15. Handling information
All input and output pins are protected against ElectroStatic Discharge (ESD) under
normal handling. When handling Metal-Oxide Semiconductor (MOS) devices ensure that
all normal precautions are taken as described in
JESD625-A, IEC 61340-5 or equivalent
standards.
S22
40
−1005.5
291.33
LCD segment outputs
S23
41
−1005.5
207.9
S24
42
−1005.5
124.47
S25
43
−1005.5
41.04
S26
44
−1005.5
−42.39
S27
45
−1005.5
−125.8
S28
46
−1005.5
−209.3
S29
47
−1005.5
−292.7
S30
48
−1005.5
−376.1
S31
49
−1005.5
−459.5
S32
50
−1005.5
−543
S33
51
−1005.5
−625.6
S34
52
−735.03
−876.6
S35
53
−663.03
−876.6
S36
54
−591.03
−876.6
S37
55
−519.03
−876.6
S38
56
−447.03
−876.6
S39
57
−375.03
−876.6
SDA
58
−196.38
−876.6
I2C-bus serial data input/output
SDA
59
−106.38
−876.6
Table 20.
Alignment marks
All x/y coordinates represent the position of the center of each alignment mark with respect to the
center (x/y = 0) of the chip (see Figure 4, Figure 26 and Figure 27).
Symbol
X (
µm)
Y (
µm)
C1
930.42
−870.3
C2
−829.98
−870.3
Table 19.
Bonding pad location for PCF8576DU/x …continued
All x/y coordinates represent the position of the center of each pad with respect to the center
(x/y = 0) of the chip (see Figure 4, Figure 26 and Figure 27).
Symbol
Pad
X (
µm)
Y (
µm)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52