| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8576DU/DA/2 bảng dữ liệu(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8576DU/DA/2 bảng dữ liệu(HTML) 18 Page - NXP Semiconductors |
|
18 / 52 page ![]() xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx x = data bit unchanged. Fig 12. Relationship between LCD layout, drive mode, display RAM filling order and display data transmitted over the I2C-bus 001aaj646 a c b DP f egd MSB LSB b DP c a d gfe MSB LSB a bfg e c d DP MSB LSB c b a f ged DP MSB LSB drive mode static 1:2 multiplex 1:3 multiplex 1:4 multiplex LCD segments LCD backplanes display RAM filling order transmitted display byte BP0 BP0 BP1 BP0 BP1 BP2 BP1 BP2 BP3 BP0 n c x x x 0 1 2 3 b x x x a x x x f x x x g x x x e x x x d x x x DP x x x n + 1 n + 2 n + 3 n + 4 n + 5 n + 6 n + 7 display RAM bits (rows)/ backplane outputs (BP) byte1 display RAM addresses (columns)/segment outputs (S) n a b x x 0 1 2 3 f g x x e c x x d DP x x n + 1 n + 2 n + 3 byte1 byte2 display RAM bits (rows)/ backplane outputs (BP) display RAM addresses (columns)/segment outputs (S) n b DP c x 0 1 2 3 a d g x f e x x n + 1 n + 2 byte1 byte2 byte3 display RAM bits (rows)/ backplane outputs (BP) display RAM addresses (columns)/segment outputs (S) n + 1 n a c b DP 0 1 2 3 f e g d byte1 byte2 byte3 byte4 byte5 display RAM bits (rows)/ backplane outputs (BP) display RAM addresses (columns)/segment outputs (S) Sn+2 Sn+3 Sn+1 Sn DP a f b g e c d Sn+2 Sn+1 Sn+7 Sn Sn+3 Sn+5 Sn+6 Sn+4 DP a f b g e c d Sn Sn+1 Sn+2 DP a f b g e c d Sn+1 Sn DP a f b g e c d |