| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB91F613 bảng dữ liệu(PDF) 17 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F613 bảng dữ liệu(HTML) 17 Page - fujitsu semiconductor |
|
17 / 104 page ![]() MB91610 Series DS07-16907-2E 17 (Continued) Type Circuit Remarks C • CMOS level output • CMOS level hysteresis input • 5 V tolerant input • With standby control Note: When this pin is used as an I2C pin, the digital output P-ch transistor is always off. D • CMOS level output • CMOS level hysteresis input • With input control • Analog input • With pull-up control • With standby control Note: When this pin is used as an I2C pin, the digital output P-ch transistor is always off. Digital output Digital output Digital input Standby control P-ch N-ch R Digital output Digital output Digital input Standby control Analog input Input control Pull-up control P-ch P-ch N-ch R R |