công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XRT86VL34IB bảng dữ liệu(PDF) 92 Page - Exar Corporation

tên linh kiện XRT86VL34IB
Giải thích chi tiết về linh kiện  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXAR [Exar Corporation]
Trang chủ  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34IB bảng dữ liệu(HTML) 92 Page - Exar Corporation

Back Button XRT86VL34IB Datasheet HTML 88Page - Exar Corporation XRT86VL34IB Datasheet HTML 89Page - Exar Corporation XRT86VL34IB Datasheet HTML 90Page - Exar Corporation XRT86VL34IB Datasheet HTML 91Page - Exar Corporation XRT86VL34IB Datasheet HTML 92Page - Exar Corporation XRT86VL34IB Datasheet HTML 93Page - Exar Corporation XRT86VL34IB Datasheet HTML 94Page - Exar Corporation XRT86VL34IB Datasheet HTML 95Page - Exar Corporation XRT86VL34IB Datasheet HTML 96Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 154 page
background image
XRT86VL3X
85
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
REV. 1.2.3
8.3
Brief Discussion of Robbed-bit Signaling in DS1 Framing Format
Signaling is required when dealing with voice and dial-up data services in DS1 applications. Traditionally,
signaling is provided on a dial-up telephone line, across the talk-path. Bit robbing, or stealing the least
significant bit (8th bit) in each of the twenty-four voice channels in the signaling frames allows enough bits to
signal between the transmitting and receiving end. That is where the name Robbed-bit signaling comes from.
These ends can be CPE to central office (CO) for switched services, or CPE to CPE for PBX-to-PBX
connections.
Signaling is used to tell the receiver where the call or route is destined. The signal is sent through switches
along the route to a distant end. Common types of signals are:
• On hook
• Off hook
• Dial tone
• Dialed digits
• Ringing cycle
• Busy tone
Robbed-bit Signaling is supported in three DS1 framing formats.
• Super-Frame (SF)
• SLC®96
• Extended Super-Frame (ESF)
In Super-Frame or SLC®96 framing mode, frame number 6 and frame number 12 are signaling frames. In
channelized DS1 applications, these frames are used to contain the signaling information. In frame number 6
and 12, the least significant bit of all twenty-four timeslots is 'robbed' to carry call state information. The bit in
frame 6 is called the A bit and the bit in frame 12 is called the B bit. The combination of A and B defines the
state of the call for the particular timeslot that these two bits are located in.
FIGURE 92. WAVEFORMS FOR CONNECTING THE RECEIVE MULTIPLEXED HIGH-SPEED INPUT INTERFACE AT HMVIP
AND
H.100 16.384MBIT/S MODE
RxSerClk (16.384MHz)
RxSerClk (INV)
RxSer
1
2
1
2
5
2 52
1
0 10 20 20
3
0
4
0
3
0
4
0
5
0 50 60 60
7
3 73 83 83
F
0
F
1
F
0
F
1
F
2 F2 F3 F3
56 cycles
5
3 53 63 63 73 73 83 83
0
0
A
2 A2
0 0 0 0
0
0
0
0
A
0 A0 B0 B0
C
3C3D3D3
1
1
1
1
1 1 1 1
56 cycles
A
3 A3 B3 B3 C3C3D3D3
RxSig
Start of Frame
X
y : X is the bit number and y is the channel number
RxSync(input)
H.100, negative sync
RxSync(input)
H.100, positive sync
RxSync(input)
HMVIP, negative sync
RxSync(input)
HMVIP, positive sync



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com