công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XRT86VL34IB bảng dữ liệu(PDF) 80 Page - Exar Corporation

tên linh kiện XRT86VL34IB
Giải thích chi tiết về linh kiện  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXAR [Exar Corporation]
Trang chủ  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34IB bảng dữ liệu(HTML) 80 Page - Exar Corporation

Back Button XRT86VL34IB Datasheet HTML 76Page - Exar Corporation XRT86VL34IB Datasheet HTML 77Page - Exar Corporation XRT86VL34IB Datasheet HTML 78Page - Exar Corporation XRT86VL34IB Datasheet HTML 79Page - Exar Corporation XRT86VL34IB Datasheet HTML 80Page - Exar Corporation XRT86VL34IB Datasheet HTML 81Page - Exar Corporation XRT86VL34IB Datasheet HTML 82Page - Exar Corporation XRT86VL34IB Datasheet HTML 83Page - Exar Corporation XRT86VL34IB Datasheet HTML 84Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 154 page
background image
XRT86VL3X
73
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
REV. 1.2.3
8.2
Transmit/Receive High-Speed Back-Plane Interface
The High-speed Back-plane Interface supports payload data to be taken from or presented to the Terminal
Equipment at different data rates. In the non-multiplexed mode, payload data of each channel are interfaced to
the Terminal Equipment separately.
Each channel uses its own serial clock, serial data, single-frame
synchronization signal and multi-frame synchronization signals.
8.2.1
T1 Transmit/Receive Interface - MVIP 2.048 MHz
The Back-plane interface is processing data at an E1 equivalent data rate of 2.048Mbit/s. The local Terminal
Equipment should pump in data grouped in 256-bit frame 8000 times every second. Each frame consists of
thirty-two octets as in E1. The local Terminal Equipment maps a 193-bit T1 frame into this 256-bit format as
described below:
1. The Framing (F-bit) is mapped into MSB of the first E1 Time-slot. The local Terminal Equipment will stuff
the other seven bits of the first octet with don't care bits that would be ignored by the framer.
2. Payload data of T1 Time-slot 0, 1 and 2 are mapped into E1 Time-slot 1, 2 and 3.
3. The local Terminal Equipment will stuff E1 Time-slot 4 with eight don't care bits that would be ignored by
the framer.
4. Following the same rules of Step 2 and 3, the local Terminal Equipment maps every three time-slots of T1
payload data into four E1 time-slots.
FIGURE 80. WAVEFORMS FOR CONNECTING THE RECEIVE PAYLOAD DATA INPUT INTERFACE BLOCK TO LOCAL TER-
MINAL
EQUIPMENT
C
RxSerClk
RxSer
RxSync(output)
RxCHClk
RxCHN[4:0]
RxCHN[0]/RxSig
RxCHClk
RxCHN[2]/RxCHN
RxCHN[1]/RxFrTD
c1 c2 c3 c4 c5
c1 c2 c3 c4 c5
c1 c2 c3 c4 c5
c1 c2 c3 c4 c5
8
7
6
5
4
3
2
1
A B
D
C
A B
D
C
A B
D
C
A B
D
Input Data
Input Data
Timeslot 23
Timeslot 0
Timeslot 5
Timeslot 6
Timeslot #0
Timeslot #5
Timeslot #6
Timeslot #23
Rx Fractional Enable Bit = 0
Rx Fractional Enable Bit = 1
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com