công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XRT86VL34IB bảng dữ liệu(PDF) 37 Page - Exar Corporation

tên linh kiện XRT86VL34IB
Giải thích chi tiết về linh kiện  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXAR [Exar Corporation]
Trang chủ  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34IB bảng dữ liệu(HTML) 37 Page - Exar Corporation

Back Button XRT86VL34IB Datasheet HTML 33Page - Exar Corporation XRT86VL34IB Datasheet HTML 34Page - Exar Corporation XRT86VL34IB Datasheet HTML 35Page - Exar Corporation XRT86VL34IB Datasheet HTML 36Page - Exar Corporation XRT86VL34IB Datasheet HTML 37Page - Exar Corporation XRT86VL34IB Datasheet HTML 38Page - Exar Corporation XRT86VL34IB Datasheet HTML 39Page - Exar Corporation XRT86VL34IB Datasheet HTML 40Page - Exar Corporation XRT86VL34IB Datasheet HTML 41Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 154 page
background image
XRT86VL3X
30
REV. 1.2.3
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
3.9
Transmit SLC®96 Data link Controller
The SLC®96 T1 format is invented by AT&T and is used between the Digital Switch and a SLC®96 formatted
remote terminal. The purpose of the SLC®96 product is to provide standard telephone service or Plain Old
Telephone Service (POTS) in areas of high subscriber density but back-haul the traffic over T1 facilities.
To support the SLC®96 formatted remote terminal equipment, which is likely in an underground location, the
T1 framer must:
• Indicate equipment failures of the equipment to maintenance personal
• Indicate failures of the POTS lines
• Test the POTS lines
• Provide redundancy on the T1s
The SLC®96 framing format is a D4 Super-frame (SF) format with specialized data link information bits. These
data link information bits take the position of the Super-frame Alignment (Fs) bit positions. These bits consist of
the following.
• Concentrator bits (C, bit position 1 to 11)
• First Spoiler bits (FS, bit position 12 to 14)
• Maintenance bits (M, bit position 15 to 17)
• Alarm bits (A, bit position 18 to 19)
• Protection Line Switch bits (S, bit position 20 to 23)
• Second Spoiler bit (SS, bit position 24)
• Resynchronization pattern (000111000111)
In SLC®96 mode, a six 6-bit datalink message will generate a one 9-ms frame of the SLC®96 message
format. The format of the datalink message is given in BELLCORE TR-TSY-000008. When SLC®96 mode is
enabled, the Fs bit is replaced by the data link message read from memory at the beginning of each D4 super-
frame. The XRT86VL3x allocates two 6-byte buffers to provide the SLC®96 Data Link Controller an alternating
access mechanism for information transmission. The bit ordering and usage is shown in the following table;
and the LSB is sent first. Note that these registers are memory-based storage and they need to be initialized.
Each register is read out of memory once every six SF super-frames. The memory holding these registers
owns a shared memory structure that is used by multiple devices. These include DS1 transmit module, DS1
receive module, Transmit LAPD Controller, Transmit SLC®96 Data Link controller, Bit-Oriented Signaling
Processor, Receive LAPD Controller, Receive SLC®96 Data Link Controller, Receive Bit-Oriented Signaling
Processor and microprocessor interface module.
TABLE 1: BIT ORDERING AND USAGE
BYTE
5
4
3
2
1
0
1
0
1
1
1
0
0
2
C1
1
1
1
0
0
3
C7
C6
C5
C4
C3
C2
4
1
0
C11
C10
C9
C8
5
A2
A1
M3
M2
M1
0
6
0
1
S4
S3
S2
S1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com