| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GSM100LITE bảng dữ liệu(PDF) 13 Page - rfsolutions.ltd |
|
|
|||||||||||||||||||||||||||||
GSM100LITE bảng dữ liệu(HTML) 13 Page - rfsolutions.ltd |
|
13 / 26 page ![]() DS020-7 Oct ‘06 ©2006 REG No 277 4001, ENGLAND. Page 13 GSM100 USERS MANUAL 3.2. Basic Operation : Followings are examples of some AT commands. Please refer to the AT Command guide for a full description. Note : Issue AT+CMEE=1 to have extended error code (+CME ERROR) Description AT commands Modem response Comments AT+CREG? CREG=<mode>,1 Modem registered to the network CREG=<mode>,2 Registration lost, re-registration attempt Network Registration Checking CREG=<mode>,0 Modem not registration on the network, no registration attempt Receiving signal strength AT+CSQ +CSQ: 20,0 The first parameter has to be at least 15 for normal communication RING An incoming call is waiting ATA Answer the call Receiving an incoming call OK ATD1234567; Don’t forget the « ; » at the end for « voice » call OK Communication established CME ERROR : 11 PIN code not entered (with + CMEE = 1 mode) CME ERROR : 3 AOC credit exceeded or a communication is already established Make a call CME ERROR : 10 Cannot read the SIM card ATD 112; Don’t forget the « ; » at the end for « voice » call Make an emergency call OK Communication loss NO CARRIER ATH Hang up OK AT+CPIN=1234 OK PIN Code accepted +CME ERROR : 16 Incorrect PIN Code (with +CMEE = 1 mode) Enter PIN code +CME ERROR : 3 PIN already entered (with +CMEE = 1 mode) AT&W Saves parameters in non-volatile memory OK The configuration settings are stored |