| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GSM100LITE bảng dữ liệu(PDF) 16 Page - rfsolutions.ltd |
|
|
|||||||||||||||||||||||||||||
GSM100LITE bảng dữ liệu(HTML) 16 Page - rfsolutions.ltd |
|
16 / 26 page ![]() DS020-7 Oct ‘06 ©2006 REG No 277 4001, ENGLAND. Page 16 GSM100 USERS MANUAL CHAPTER 6 TROUBLESHOOTING 6.1 The modem’s LED does not light : Check if the modem has connected to a 5-32V power supply properly Check if the power connector is properly inserted Check the fuse on the power cord 6.2 The modem’s LED lights but does not blink long time after power up Check if a valid SIM card has been inserted properly Check if the SIM card has been locked (refer to AT+CPIN command in AT command guide) Check if the external has been connected properly to the modem Check if the network coverage is available. 6.3 The modem does not response to the terminal program Check if the RS-232 cable has been connected properly Check if your program has proper setting. Factory setting of the modem is: 9600bps 8 data bits no parity bit 1 stop bit 6.4 No voice could be heard for the modem’s speaker output when a call is answered Make sure a voice call has been made (refer to AT command guide) Enter the AT+SPEAKER=1 command |