| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GSM100LITE bảng dữ liệu(PDF) 18 Page - rfsolutions.ltd |
|
|
|||||||||||||||||||||||||||||
GSM100LITE bảng dữ liệu(HTML) 18 Page - rfsolutions.ltd |
|
18 / 26 page ![]() DS020-7 Oct ‘06 ©2006 REG No 277 4001, ENGLAND. Page 1 GSM20 WIN98 GPRS SET-UP GUIDE 1. INTRODUCTION This document describes how to use Maestro 20 and a PC with Windows 98 to make a GPRS Internet Dial-up. 1.1 Set-up requirement The following items are necessary for the set-up: - MAESTRO-20 with PC cable and power supply - PC with Windows 98 installed, and a free RS-232 port - A SIM card with GPRS service subscribed 2. CONFIGURATING MAESTRO 20 2.1 Setting up HyperTerminal Refer to Chapter 2 and 3 of MAESTRO 20 USER GUIDE, set up MAESTRO 20 and Windows98 HyperTerminal. Make sure the modem is ready to receive commands. 2.2 Setting serial port speed On the HyperTerminal, enter command: AT+IPR=115200; &W<ENTER> Note: after entering this command the modem serial port speed will be permanently set at 115200bps. Now you can close the HyperTerminal |